Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2C Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # M2C
Description  Indicator with Cylindrical 20-mm 횞12-dia. Body
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M2C Datasheet(HTML) 6 Page - Omron Electronics LLC

  M2C Datasheet HTML 1Page - Omron Electronics LLC M2C Datasheet HTML 2Page - Omron Electronics LLC M2C Datasheet HTML 3Page - Omron Electronics LLC M2C Datasheet HTML 4Page - Omron Electronics LLC M2C Datasheet HTML 5Page - Omron Electronics LLC M2C Datasheet HTML 6Page - Omron Electronics LLC M2C Datasheet HTML 7Page - Omron Electronics LLC M2C Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
M2C
6
Specifications
Ratings
LED Lamp
Incandescent Lamp
Approved Standard Ratings
UL (File No. E41515), CSA (File No. LR45258)
LED:
24 VDC max.
Incandescent lamp:
1 W at 28 VDC/VAC
Note: Certification has been obtained for the Indicator.
For detailed information on individual products that have received
certification, consult your supplier.
Nomenclature
Model Structure
Shape of Display
Rated
voltage
Rated
current
Operating
voltage
Internal
limiting
resistance
5 VDC
30 mA
5 VDC
±5%
33
Ω
12 VDC
15 mA
12 VDC
±5%
270
Ω
24 VDC
10 mA
24 VDC
±5%
1,600
Ω
Rated voltage
Rated current
Operating voltage
6 VAC/VDC
60 mA
5 VAC/VDC
14 VAC/VDC
40 mA
12 VAC/VDC
28 VAC/VDC
24 mA
24 VAC/VDC
Ambient
operating temperature
−10°C to +55°C
(with no icing or condensation)
Ambient
operating humidity
35% to 85%RH
Ambient
storage temperature
−25°C to +65°C
(1) Shape of Display
Display
Socket Unit
Lamp
Cap
Legend plate
Reflective
plunger
(2) Color of Display
(3) Type of Lamp
Type
Specifications
(1)
Shape of Pushbutton
Rectangular Square
Round
(M2CJ)
(M2CA) (M2CT)
---
(2)
LED Lamp-lighted Models
Red, yellow, green, white
Incandescent Lamp-lighted Models
Red, yellow, green, white, blue
---
(3)
LED Lamp
Incandescent Lamp



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com