Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2C Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # M2C
Description  Indicator with Cylindrical 20-mm 횞12-dia. Body
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M2C Datasheet(HTML) 7 Page - Omron Electronics LLC

  M2C Datasheet HTML 1Page - Omron Electronics LLC M2C Datasheet HTML 2Page - Omron Electronics LLC M2C Datasheet HTML 3Page - Omron Electronics LLC M2C Datasheet HTML 4Page - Omron Electronics LLC M2C Datasheet HTML 5Page - Omron Electronics LLC M2C Datasheet HTML 6Page - Omron Electronics LLC M2C Datasheet HTML 7Page - Omron Electronics LLC M2C Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
M2C
7
Dimensions
(Unit: mm)
Note: Unless specified, there is a tolerance of
±0.4 mm for dimensions.
Terminal Connections
Panel Cutout (Top View)
• If the panel is to be finished (e.g., coated), make sure that the panel meets the specified dimensions after the coating.
Accessories, Replacements, and Tools
The accessories, replacements, and tools for the A3C Lighted Pushbutton Switch can also be used with the A3C. Refer to the A3C.
Safety Precautions
Refer to Safety Precautions for Pushbutton Switches and Safety Precautions for the A3C.
Rectangular Models (M2CJ)
Square Models (M2CA)
Round Models (M2CT)
Solder terminal
Rectangular/M2CJ
Square/M2CA, Round/M2CT
Indicator Unit only
Note: Recommended panel thickness: 1.0 to 3.2 mm.
Note: Recommended panel thickness: 1.0 to 3.2 mm.
With Dust Cover
---
0.6
M12
× 1
20
1
6
9.5
9.5
26.5
18
15.7
14
11.8
14
11.8
14
11.8
0.6
M12
× 1
20
26.5
9.5
9.5
6
0.6
M12
× 1
20
26.5
11.8 dia.
9.5
9.5
6
14 dia.
6.5
1.6
Lamp terminal (t0.3)
0.8
0.8
L
−
L+
2
0.6
Terminal Hole
Dimensions
Terminal Arrangement
(bottom view)
19 min.
7.5±0.1
2 dia. (Lock hole)
5.5±0.1
15 min.
12 dia.+0.2
0
12 dia.+0.2
0
15 min.
22.5 min.
7.5±0.1
2 dia.
5.5±0.1
19 min.
12 dia.+0.2
0
■ Ratings: Refer to page 6. ■ Dimensions: Refer to this page.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com