Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2C Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # M2C
Description  Indicator with Cylindrical 20-mm 횞12-dia. Body
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M2C Datasheet(HTML) 1 Page - Omron Electronics LLC

  M2C Datasheet HTML 1Page - Omron Electronics LLC M2C Datasheet HTML 2Page - Omron Electronics LLC M2C Datasheet HTML 3Page - Omron Electronics LLC M2C Datasheet HTML 4Page - Omron Electronics LLC M2C Datasheet HTML 5Page - Omron Electronics LLC M2C Datasheet HTML 6Page - Omron Electronics LLC M2C Datasheet HTML 7Page - Omron Electronics LLC M2C Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CSM_M2C_DS_E_4_1
1
M2C
Indicator (Cylindrical 12-dia.)
Indicator with Cylindrical 20-mm
×
12-dia. Body
• Same basic design as the A3C Pushbutton Switch.
• Good illumination with even surface brightness.
• Cylindrical body means panel cutouts can be made easily.
RoHS Compliant
Refer to Safety Precautions for All Pushbutton Switches
and Safety Precautions for the A3C.
List of Models
Model Number Legend.................................................. The model numbers used to order sets of Units are illustrated below. One set
comprises the Display, Lamp, and Socket Unit.
For information on combinations, refer to Ordering Information
Appearance
Model
Rectangular
M2CJ
Square
M2CA
Round
M2CT
(1)
(2)
(3)
(4)
(5)
M 2 C J - 9 0 A 1 - 24E R
(3) Lighting Type
• Colored-illumination
models are also available.
For details, refer to page
3.
“Colored-illumination”
models operate in the
way shown below:
(4) Lighting Method
LED lamp-lighted Models
Incandescent Lamp-
lighted Models
(5) Color of Display
For LED lamp
For incandescent
lamp
Symbol
Lighting
type
1
Illumination only
Unlit
White
Lit
The built-in
LED is col-
ored.
Color
Symbol
Operating
voltage
05E
5 VDC
12E
12 VDC
24E
24 VDC
Symbol
Operating
voltage
06
5 VAC/VDC
14
12 VAC/VDC
28
24 VAC/VDC
Symbol
Color
RRed
Y
Yellow
G
Green
W
White
Symbol
Color
RRed
Y
Yellow
G
Green
A
Blue
W
White
(1) Shape of Display
Symbol
Shape
J
Rectangular
A
Square
T
Round
(2) Terminal Type
Symbol
Terminal type
0
Solder terminals


Similar Part No. - M2C

ManufacturerPart #DatasheetDescription
logo
SICK AG
M2C-EA02500A10 SICK-M2C-EA02500A10 Datasheet
225Kb / 5P
MULTIPLE LIGHT BEAM SAFETY DEVICES
M2C-EA03400A10 SICK-M2C-EA03400A10 Datasheet
217Kb / 5P
MULTIPLE LIGHT BEAM SAFETY DEVICES
M2C-EA04300A10 SICK-M2C-EA04300A10 Datasheet
213Kb / 5P
MULTIPLE LIGHT BEAM SAFETY DEVICES
M2C-SA0250LA10 SICK-M2C-SA0250LA10 Datasheet
225Kb / 5P
MULTIPLE LIGHT BEAM SAFETY DEVICES
M2C-SA0340LA10 SICK-M2C-SA0340LA10 Datasheet
217Kb / 5P
MULTIPLE LIGHT BEAM SAFETY DEVICES
More results

Similar Description - M2C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A16-24 OMRON-A16-24 Datasheet
517Kb / 16P
Indicator with Cylindrical 20-mm 횞 12-dia. Body
A3C-4103 OMRON-A3C-4103 Datasheet
1Mb / 14P
Pushbutton Switch Series with Cylindrical 20-mm 횞 12-dia. Body
A165-CJA OMRON-A165-CJA Datasheet
3Mb / 28P
Separate Construction with Cylindrical 16-dia. Body
A16L-AG OMRON-A16L-AG Datasheet
3Mb / 28P
Separate Construction with Cylindrical 16-dia. Body
A16ZA-5050 OMRON-A16ZA-5050 Datasheet
1Mb / 27P
Separate Construction with Cylindrical 16-dia. Body
A165S-A2M OMRON-A165S-A2M Datasheet
1Mb / 17P
Separate Construction with Cylindrical 16-dia. Body
A16-12DSR OMRON-A16-12DSR Datasheet
3Mb / 28P
Separate Construction with Cylindrical 16-dia. Body
A16S-2N-2 OMRON-A16S-2N-2 Datasheet
1Mb / 17P
Separate Construction with Cylindrical 16-dia. Body
M2D OMRON-M2D Datasheet
925Kb / 6P
Cylindrical 8-dia. Indicator
M16 OMRON-M16 Datasheet
3Mb / 12P
Cylindrical 16-dia. Indicator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com