Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2C Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # M2C
Description  Indicator with Cylindrical 20-mm 횞12-dia. Body
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M2C Datasheet(HTML) 5 Page - Omron Electronics LLC

  M2C Datasheet HTML 1Page - Omron Electronics LLC M2C Datasheet HTML 2Page - Omron Electronics LLC M2C Datasheet HTML 3Page - Omron Electronics LLC M2C Datasheet HTML 4Page - Omron Electronics LLC M2C Datasheet HTML 5Page - Omron Electronics LLC M2C Datasheet HTML 6Page - Omron Electronics LLC M2C Datasheet HTML 7Page - Omron Electronics LLC M2C Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
M2C
5
Ordering Information
Ordering Individually ............... The Display, Lamp, and Socket Unit can be ordered separately. They can also be used as inventory for
maintenance parts.
Display (Lighted Models)
LED Lamp
Note: The red, yellow, and white Displays listed above can be used with either LED lamp-lighted models or incandescent lamp-lighted models.
Incandescent Lamp
Lamp
LED Lamp
Incandescent Lamp
Socket Unit
Appearance
Button color
Rectangular
Square
Round
Red
A3CJ-500R
A3CA-500R
A3CT-500R
Yellow
A3CJ-500Y
A3CA-500Y
A3CT-500Y
Green
A3CJ-500GY
A3CA-500GY
A3CT-500GY
White
A3CJ-500W
A3CA-500W
A3CT-500W
Appearance
Button color
Rectangular
Square
Round
Red
A3CJ-500R
A3CA-500R
A3CT-500R
Yellow
A3CJ-500Y
A3CA-500Y
A3CT-500Y
Green
A3CJ-500G
A3CA-500G
A3CT-500G
White
A3CJ-500W
A3CA-500W
A3CT-500W
Blue
A3CJ-500A
A3CA-500A
A3CT-500A
Color
Rated voltage
Red
Yellow
Green
White
5 VDC
A16-5DR
A16-5DY
A16-5DG
A16-5DW
12 VDC
A16-12DR
A16-12DY
A16-12DG
A16-12DW
24 VDC
A16-24DR
A16-24DY
A16-24DG
A16-24DW
Rated voltage
Model
6 VAC/DC
A16-5
14 VAC/DC
A16-12
28 VAC/DC
A16-24
Sealing
IP40
Appearance
Terminal
Rectangular
Square
Round
Solder terminals
M2CJ-7001
M2CA-7001
M2CT-7001



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com