Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2C Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # M2C
Description  Indicator with Cylindrical 20-mm 횞12-dia. Body
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M2C Datasheet(HTML) 3 Page - Omron Electronics LLC

  M2C Datasheet HTML 1Page - Omron Electronics LLC M2C Datasheet HTML 2Page - Omron Electronics LLC M2C Datasheet HTML 3Page - Omron Electronics LLC M2C Datasheet HTML 4Page - Omron Electronics LLC M2C Datasheet HTML 5Page - Omron Electronics LLC M2C Datasheet HTML 6Page - Omron Electronics LLC M2C Datasheet HTML 7Page - Omron Electronics LLC M2C Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
M2C
3
Ordering Information
Illumination-only and Colored-illumination LED Models
“Illumination only” describes LED models for which the screen color is the same whether the LED is lit or not. The screen simply becomes brighter
when the LED lights.
Example: Red LED
“Colored illumination” describes LED models for which the screen color is white when the LED is not lit and changes to the color of the LED lamp
when the LED is lit.
Ordering: With colored-illumination models, order the Display, Lamp, and Socket Unit as shown in the following table.
Illuminated color
Display
Lamp (LED)
Socket Unit
Red
IP40
A3C
@-500W
Enter one of the following
symbols in
@.
J: Rectangular
A: Square
T: Round
A16-
@DR
Enter one of the following
symbols in
@.
5: 5 VDC
12: 12 VDC
24: 24 VDC
Refer to page 5. Order the
Socket Unit that is appropri-
ate for the Display.
Yellow
A16-
@DY
Green
A16-
@DG
Cap (red)
Legend plate
(milky white)
Reflective plunger
LED lamp (red)…Lamp
Display
Not lit
Red
Lit
Red
White cap
(semi-transparent)
Legend plate
(milky white)
Reflective plunger
LED lamp (red)…Lamp
Display
Not lit
White
Lit
Red



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com