Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7512Z Datasheet(PDF) 9 Page - IXYS Corporation

Part # CPC7512Z
Description  Dual 1-Form-A Shunt-Isolated High-Voltage High-Frequency Analog Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7512Z Datasheet(HTML) 9 Page - IXYS Corporation

Back Button CPC7512Z Datasheet HTML 5Page - IXYS Corporation CPC7512Z Datasheet HTML 6Page - IXYS Corporation CPC7512Z Datasheet HTML 7Page - IXYS Corporation CPC7512Z Datasheet HTML 8Page - IXYS Corporation CPC7512Z Datasheet HTML 9Page - IXYS Corporation CPC7512Z Datasheet HTML 10Page - IXYS Corporation CPC7512Z Datasheet HTML 11Page - IXYS Corporation CPC7512Z Datasheet HTML 12Page - IXYS Corporation CPC7512Z Datasheet HTML 13Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7512
R01
www.ixysic.com
9
2. Performance Data
Figure 3. On-State Insertion Loss: SxA to SxB
Figure 4. Off-State Switch Isolation: SxA to SxB
Figure 5. Switch to Switch Cross Talk
V
M
+
V
S
50
Ω
+20 log
V
S
V
M
Insertion Loss =
AB
C
Frequency
1kHz
10kHz
100kHz
1MHz
10MHz
100MHz
1GHz
10
8
6
4
2
0
Insertion Loss Into 50
Ω
Frequency
140
120
100
80
60
40
20
0
Off-State Isolation into 50
Ω
1kHz
10kHz
100kHz
1MHz
10MHz
100MHz
Isolation =
+20 log
V
S
V
M
V
M
+
V
S
50
Ω
AB
C
Crosstalk =
+20 log
V
M
V
S
V
M
+
50
Ω
V
S
Open
Open
AB
C
AB
C
Frequency
1kHz
10kHz
100kHz
1MHz
10MHz
100MHz
-140
-120
-100
-80
-60
-40
-20
0
Cross Talk into 50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com