Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7512Z Datasheet(PDF) 12 Page - IXYS Corporation

Part # CPC7512Z
Description  Dual 1-Form-A Shunt-Isolated High-Voltage High-Frequency Analog Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7512Z Datasheet(HTML) 12 Page - IXYS Corporation

Back Button CPC7512Z Datasheet HTML 8Page - IXYS Corporation CPC7512Z Datasheet HTML 9Page - IXYS Corporation CPC7512Z Datasheet HTML 10Page - IXYS Corporation CPC7512Z Datasheet HTML 11Page - IXYS Corporation CPC7512Z Datasheet HTML 12Page - IXYS Corporation CPC7512Z Datasheet HTML 13Page - IXYS Corporation CPC7512Z Datasheet HTML 14Page - IXYS Corporation CPC7512Z Datasheet HTML 15Page - IXYS Corporation CPC7512Z Datasheet HTML 16Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7512
12
www.ixysic.com
R01
3.5.2 Thermal Shutdown
The thermal-shutdown mechanism activates when the
device’s die temperature reaches a minimum of
110°C, placing the device into the All-Off state
regardless of logic input. During thermal shutdown
events the TSD pin will output a logic low with a
nominal 0V level. A logic high is output from the TSD
pin during normal operation with a typical output level
equal to VDD.
If presented with a short-duration transient, such as a
lightning event, the thermal-shutdown feature will
typically not activate. But, in an extended power-cross
event the device temperature will rise and the thermal
shutdown mechanism will activate, forcing the device’s
switches to the All-Off state. At this point the current
into the active switch will drop to zero. Once the device
enters thermal shutdown, it will remain in the All-Off
state until the internal temperature of the device drops
below the de-activation level of the thermal-shutdown
circuit. This permits the circuit to autonomously return
to normal operation. If the fault has not passed,
current will again flow and heating will resume,
causing the thermal-shutdown mechanism to
reactivate. This cycle of entering and exiting the
thermal-shutdown mode will continue as long as the
fault condition persists. If the magnitude of the fault
condition is great enough, with an external
over-voltage protector present, the external protector
will activate shunting the fault current to ground.
3.6 External Protection Elements
The CPC7512 requires only over-voltage protection
on the high-voltage side of the switch. Additional
external protection may be required on the low-voltage
side of the switch if the threshold of the high-voltage
side protector exceeds the safe operation of the
low-voltage side components. Because the fault
current seen by the low-voltage side protector is
limited by the switch’s high frequency dynamic current
limit, the low-voltage side protector need not be as
capable as that of the high-voltage side protector. The
high-voltage side protector must limit voltage
transients to levels that do not exceed the breakdown
voltage or input-output isolation barrier of the
CPC7512. A foldback or crowbar type protector on the
high-voltage side is recommended to minimize
stresses on the CPC7512.
3.7 Thermal Design Assessment
A successful design utilizing the CPC7512
High-Voltage Analog Switch Array is dependent on
careful consideration of the application’s environment
and the device’s thermal constraints. For matters
regarding the electrical design, this is simply a case of
following the parameters provided in the preceding
tables and for many this will be sufficient. However,
those designers wishing to push the operational limits
envelope with higher switch current and/or higher
ambient operating temperatures will need to consider
the thermal performance.
Being a real physical device the CPC7512 has a finite
thermal capability that when properly considered will
ensure appropriate behavior and performance.
Determination of the thermal constraint is easily
accomplished using the following power equations:
and
Where
is the dissipated power drawn from the
VDD supply and
is the total power dissipated by
all active switches. The VDD power can be calculated
from the “VDD Voltage Supply Specifications” on
page 7 while the power dissipated by the switches is
the sum of the concurrently active switches. Total
switch power is the sum of: the squared maximum
current through each active switch times the
On-Resistance of the switch (ISWx
2 xR
ON).
The second equation is used to calculate the
maximum ambient temperature the device can be
operated in based on the calculated total power of the
previous equation. PTOTAL, the value obtained in the
first equation;
T, the junction temperature rise of the
CPC7512 from ambient; and
JA, the thermal
impedance of the device package are used to
determine the maximum operating ambient
temperature.
PTOTAL
PV
DD
P
SW
+
=
PTOTAL
T
JA
---------
=
P
V
DD
P
SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com