Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7512Z Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC7512Z
Description  Dual 1-Form-A Shunt-Isolated High-Voltage High-Frequency Analog Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7512Z Datasheet(HTML) 4 Page - IXYS Corporation

  CPC7512Z Datasheet HTML 1Page - IXYS Corporation CPC7512Z Datasheet HTML 2Page - IXYS Corporation CPC7512Z Datasheet HTML 3Page - IXYS Corporation CPC7512Z Datasheet HTML 4Page - IXYS Corporation CPC7512Z Datasheet HTML 5Page - IXYS Corporation CPC7512Z Datasheet HTML 6Page - IXYS Corporation CPC7512Z Datasheet HTML 7Page - IXYS Corporation CPC7512Z Datasheet HTML 8Page - IXYS Corporation CPC7512Z Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7512
4
www.ixysic.com
R01
1.3 Absolute Maximum Ratings
Absolute maximum electrical ratings are at 25
C.
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
1.4 General Conditions
Unless otherwise specified, minimum and maximum
values are guaranteed by production testing or design.
Typical values are characteristic of the device at 25°C,
and are the result of engineering evaluations. They are
provided for informational purposes only and are not
guaranteed by production testing.
Unless otherwise noted the specifications cover the
VDD operational range and the ambient operating
temperature range TA =-40Cto+85C. Testing is
performed with the logic low input voltage VIL =0VDC
and the logic high input voltage VIH =VDD.
Parameter
Minimum Maximum
Unit
VDD (+5V supply)
-0.3
+ 7
V
Logic input voltage
-0.3
VDD + 0.3
V
Switch output to logic inputs
isolation
-320
V
Switch output to ground
-
320
V
Series switch open-contact
isolation (Across any two series
switches)
-600
V
Operating relative humidity,
Non-Condensing
595
%
Junction operating temperature
-40
+110
C
Ambient operating temperature
-40
+85
C
Storage temperature
-40
+150
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com