Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7512Z Datasheet(PDF) 8 Page - IXYS Corporation

Part # CPC7512Z
Description  Dual 1-Form-A Shunt-Isolated High-Voltage High-Frequency Analog Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7512Z Datasheet(HTML) 8 Page - IXYS Corporation

Back Button CPC7512Z Datasheet HTML 4Page - IXYS Corporation CPC7512Z Datasheet HTML 5Page - IXYS Corporation CPC7512Z Datasheet HTML 6Page - IXYS Corporation CPC7512Z Datasheet HTML 7Page - IXYS Corporation CPC7512Z Datasheet HTML 8Page - IXYS Corporation CPC7512Z Datasheet HTML 9Page - IXYS Corporation CPC7512Z Datasheet HTML 10Page - IXYS Corporation CPC7512Z Datasheet HTML 11Page - IXYS Corporation CPC7512Z Datasheet HTML 12Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7512
8
www.ixysic.com
R01
1.10 Truth Table
The truth table and block diagram are shown for Switch 1. Operation is the same for both switches, S1 and S2. Refer
to accompanying block diagram.
LATCH1
S1IN1
S1IN0
TSD
SW1A
SW1B
SW1C
Switch State
00
0
Z 2
OFF
OFF
OFF
All-Off: All switches are open (Off) 1
00
1
OFF
ON
ON
BC: S1B connected to S1C
01
0
ON
ON
OFF
AB: S1A connected to S1B
01
1
OFF
OFF
ON
C: S1C connected S1COM
1x
x
Unchanged
Unchanged
Unchanged
Latest switch state persists
xx
x
0 3
OFF
OFF
OFF
Thermal shutdown active,
all switches are open (Off)
xx
x
0 4,5
OFF
OFF
OFF
All-Off: All switches are open (Off)
1 Default state following power up and after an under-voltage lock out event.
2 Z = High Impedance with a weak internal pull-up. Because TSD has an internal pull-up, it should be controlled with an open-collector or open-drain type device.
3 TSD outputs a logic low.
4 TSD driven to a logic low by an external device. External device output should be an open-collector or an open-drain type.
5 When TSD is released, the switches revert back to their previous state.
S1
B
S1
C
S1
COM
S1
A
LATCH
1
S1
IN0
S1
IN1
Switch 1
Control
Logic
L
A
T
C
H
TSD
SW1
A
SW1
B
SW1
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com