Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7512Z Datasheet(PDF) 11 Page - IXYS Corporation

Part # CPC7512Z
Description  Dual 1-Form-A Shunt-Isolated High-Voltage High-Frequency Analog Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7512Z Datasheet(HTML) 11 Page - IXYS Corporation

Back Button CPC7512Z Datasheet HTML 7Page - IXYS Corporation CPC7512Z Datasheet HTML 8Page - IXYS Corporation CPC7512Z Datasheet HTML 9Page - IXYS Corporation CPC7512Z Datasheet HTML 10Page - IXYS Corporation CPC7512Z Datasheet HTML 11Page - IXYS Corporation CPC7512Z Datasheet HTML 12Page - IXYS Corporation CPC7512Z Datasheet HTML 13Page - IXYS Corporation CPC7512Z Datasheet HTML 14Page - IXYS Corporation CPC7512Z Datasheet HTML 15Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7512
R01
www.ixysic.com
11
3.3 Switch Logic
The CPC7512 under-voltage switch lock-out circuitry
monitors the VDD supply to ensure proper and safe
switch behavior whenever the supply voltage is
inadequate.
Under normal VDD supply conditions data applied to
the SxIN0 and SxIN1 inputs is controlled by the LATCH.
The LATCH, depending on the logic level applied to it’s
control input LATCHx, will either block the input data or
pass the input data to the switch control logic. Once
the input data is passed to the switch control logic, the
value from the inputs will be locked by the LATCH
when the LATCHx control is asserted to a logic HIGH.
3.3.1 Data Latch
The CPC7512 has two integrated transparent data
latches, one for each channel. The latch-enable
operation is controlled by TTL input logic levels at the
LATCHx pins. Inputs to the data latch are via the SxIN0
and SxIN1 input pins while the data latch outputs are
internal nodes used for state control. When LATCHx,
the latch enable control pin, is at a logic 0 the data
latch is transparent and the input control signals flow
directly through the data latch to the state control
circuitry. A change in input will be reflected by a
change in the switch state.
Whenever the latch enable control pin is at logic 1, the
data latch is active and the control data is locked.
Subsequent changes to the SxIN input control pins will
not result in a change to the control logic or affect the
existing switch states.
The switches will remain in the state they were in
when the LATCHx changes from logic 0 to logic 1, and
will not respond to subsequent changes in input as
long as the LATCHx is at logic 1. TSD however is not
constrained by the latch function. Since internal
thermal shutdown control is not affected by the state of
the latch enable input, TSD will override state control.
3.3.2 TSD Pin Description
The TSD pin is a bidirectional I/O structure with an
internal pull-up resistor sourced from VDD. As an
output, this pin indicates the status of the thermal
shutdown circuitry of the CPC7512. During normal
operation this pin will typically be pulled up to VDD but
under fault conditions that create excess thermal
loading, the entire device will enter thermal shutdown
and a logic low will be output at TSD.
As an input, the TSD pin can be used to place the
device into the All-Off state by simply pulling the input
low. This is a convenient way to temporarily place the
device’s switches into the off state without the need to
cycle the inputs and LATCH controls through an off
and then an on sequence. When TSD is released, the
device will revert back to it’s previous state.
When using TSD as an input, IXYS Integrated Circuits
Division recommends the use of an open-collector or
an open-drain type output to apply the logic LOW.
Forcing TSD to a logic 1 or tying it to VDD does not
affect the CPC7512 thermal shutdown functionality.
The device ignores this input level and still enters the
thermal shutdown state at high temperature. In other
words, the thermal shutdown feature can not be
overridden by an external pull-up on the TSD control.
3.4 Power Supplies
Only a +5V logic supply and ground are required by
the CPC7512. Switch state control is powered
exclusively by the +5V supply. As a result, the
CPC7512 exhibits extremely low power consumption
during active and idle states.
3.5 Protection
The CPC7512 provides protection for both the low
voltage side circuitry it connects to high voltage
networks and itself. Two separate layers of protection
are interleaved within the device to protect against
high-energy high-frequency transients and
high-power, low-frequency fault conditions.
3.5.1 Dynamic High Frequency Current Limit
While in a closed switch state, high-frequency
high-energy current is restricted by the CPC7512. For
the telecom GR-1089-CORE specified +1000V
10x1000
s lightning pulse with a generator source
impedance of 10
 applied to the high voltage network
though a properly clamped external protector, the
current seen at the CPC7512 low voltage side
interface will be a pulse with a typical magnitude of 1A
and a duration less than 0.5
s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com