Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S72XS-R Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # S72XS-R
Description  256 Mb (16M x 16 bit), 1.8V MirrorBit짰 Flash and DDR DRAM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S72XS-R Datasheet(HTML) 3 Page - Cypress Semiconductor

  S72XS-R Datasheet HTML 1Page - Cypress Semiconductor S72XS-R Datasheet HTML 2Page - Cypress Semiconductor S72XS-R Datasheet HTML 3Page - Cypress Semiconductor S72XS-R Datasheet HTML 4Page - Cypress Semiconductor S72XS-R Datasheet HTML 5Page - Cypress Semiconductor S72XS-R Datasheet HTML 6Page - Cypress Semiconductor S72XS-R Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
S72XS-R MCP
Document Number: 002-00772 Rev. *J
Page 3 of 7
Signal Description
Table 4. Input/Output Description
Symbol
Description
Flash RAM
ADQ15 – ADQ0
Flash multiplexed Address and Data
X
F-CE#
Flash Chip-enable input
X
F-OE#
Flash Output Enable input. Asynchronous relative to CLK for Burst mode.
X
F-WE#
Flash Write Enable input
X
F-VCC
Flash device power supply (1.7 V to 1.95 V)
X
F-VCCQ
Flash Input/Output Buffer power supply
X
VSS
Ground
XX
F-RDY
Flash ready output. Indicates the status of the Burst read. VOL = Data invalid, VOH = Data valid.
X
F-CLK
Flash Clock. The first rising edge of CLK in conjunction with AVD# low latches the address input
and activates burst mode operation. After the initial word is output, subsequent rising edges of
CLK increment the internal address counter. CLK should remain low during asynchronous
access.
X
F-AVD#
Flash Address Valid input. Indicates to device that the valid address is present on the address
inputs. VIL = For asynchronous mode, indicates valid address; for burst mode, causes starting
address to be latched on rising edge of CLK. VIH = Device ignores address inputs.
X
F-RST#
Flash hardware reset input. VIL= device resets and returns to reading array data.
X
F-VPP
Flash accelerated input. At VHH, accelerates programming; automatically places device in unlock
bypass mode. At VIL, disables all program and erase functions. Should be at VIH for all other
conditions.
X
D-Amax – D-A0
DRAM Address input
X
D-DQ15 – D-DQ0
DRAM Data input/output
X
D-CLK
DRAM System Clock
X
D-CE#
DRAM Chip Select
X
D-CKE
DRAM Clock Enable
X
D-BA1 – BA0
DRAM Bank Select
X
D-RAS#
DRAM Row Address Strobe
X
D-CAS#
DRAM Column Address Strobe
X
D-UDQM – D-LDQM DRAM Data Input Mask
X
D-WE#
DRAM Write Enable input
X
D-VCCQ
DRAM Input/Output Buffer power supply
X
D-VCC
DRAM device power supply
X
D-UDQS
DRAM Upper Data Strobe, output with read data and input with write data
X
D-LDQS
DRAM Lower Data Strobe, output with read data and input with write data
X
D-CLK#
DDR Clock for negative edge of CLK
X
RFU
Reserved for Future Use. No device internal signal is currently connected to the package
connector but there is potential future use for the connector for a signal. It is recommended to
not use RFU connectors for PCB routing channels so that the PCB may take advantage of future
enhanced features in compatible footprint devices.

NC
Not Connected. No device internal signal is connected to the package connector nor is there any
future plan to use the connector for a signal. The connection may safely be used for routing space
for a signal on a Printed Circuit Board (PCB).

DNU
Do Not Use. A device internal signal may be connected to the package connector. The connection
may be used by Cypress for test or other purposes and is not intended for connection to any host
system signal. Any DNU signal related function will be inactive when the signal is at VIL. The
signal has an internal pull-down resistor and may be left unconnected in the host system or may
be tied to VSS. Do not use these connections for PCB signal routing channels. Do not connect
any host system signal to these connections.




Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com