Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S72XS-R Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # S72XS-R
Description  256 Mb (16M x 16 bit), 1.8V MirrorBit짰 Flash and DDR DRAM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S72XS-R Datasheet(HTML) 1 Page - Cypress Semiconductor

  S72XS-R Datasheet HTML 1Page - Cypress Semiconductor S72XS-R Datasheet HTML 2Page - Cypress Semiconductor S72XS-R Datasheet HTML 3Page - Cypress Semiconductor S72XS-R Datasheet HTML 4Page - Cypress Semiconductor S72XS-R Datasheet HTML 5Page - Cypress Semiconductor S72XS-R Datasheet HTML 6Page - Cypress Semiconductor S72XS-R Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
S72XS-R MCP
256 Mb (16M x 16 bit), 1.8V
MirrorBit
® Flash and DDR DRAM
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 002-00772 Rev. *J
Revised March 18, 2016
Features
■ Power supply voltage
❐ 1.7V to 1.95V
■ Burst speed
❐ Flash = 83 MHz, 104 MHz or 108 MHz
❐ DDR DRAM = 166 MHz
■ Packages
❐ 8.0  8.0 mm, 133-ball MCP
■ Temperature range
❐ Wireless: –25 °C to +85 °C
❐ Industrial: –40 °C to +85 °C
General Description
This datasheet contains information on the S72XS-R Multi-Chip
Product (MCP) stacked products. Refer to the S29VS256R,
S29VS128R, S29XS256R, S29XS128R datasheet (002-00833)
for full electrical specifications of the Flash memory component.
The S72XS series is a product line of stacked products (MCPs), and
consists of:
■ S29XS family Address-High, Address-Low, Data Multiplexed
Flash memory die
■ DDR DRAM
Table 1 and Table 2 lists the products covered in this datasheet.
Block Diagram
Table 1. Memory Density
Flash Density
DRAM Density
256 Mb
S72XS256RE0
Table 2. DDR DRAM Specification Reference
Density
Reference Name
Document Identification Number
256 Mb
256 Mb (16M
 16-bit) DDR DRAM
SDM256D166D1R/D3R
F-R S T#
RST#
A DQ15-A DQ0
A D Q15-A D Q0
A max -A 16 (No Connec t)
F -VPP
VPP
CLK
F-C LK
RDY
F-R D Y
F-C E #
CE#
F-O E #
OE#
F-W E #
WE#
F -AVD #
AVD#
VCC
F-V C C
V CCQ
F-V C C Q
VSS
VSS
V SSQ
D-RA S #
RA S#
CK
D-CLK
D-CA S #
CA S#
CK#
D-CLK #
D -BA0
BA 0
LDQS
D-LD Q S
D -BA1
BA 1
UDQS
D-UDQ S
D-CK E
CKE
LDM
D-LD Q M
D-W E #
W E#
UDM
D-UDQ M
D-CE #
CS#
A max -A 0
DQ15-DQ0
D-DQ 15 - D-DQ 0
D-V C C
VDD
V SS
VSS
D-V CCQ
V DDQ
V SSQ
D-A m ax - D-A 0
NOR
FLASH
XS-R
(AADM )
DDR
DRAM
ME MO R Y
Notes
1. Amax indicates highest address bit for memory component: Amax = A12 for 256 Mb DDR DRAM.
2. For Flash, A15 - A0 is tied to DQ15 - DQ0.


Similar Part No. - S72XS-R

ManufacturerPart #DatasheetDescription
logo
Heyco.
S7200 HEYCO-S7200 Datasheet
145Kb / 1P
Preassembled Cordset Components
logo
Satco Products, Inc.
S7201 SATCO-S7201 Datasheet
131Kb / 1P
23 watt; PAR38 Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7202 SATCO-S7202 Datasheet
131Kb / 1P
23 watt; PAR38 Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
S7204 SATCO-S7204 Datasheet
131Kb / 1P
15 watt; PAR30 Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7205 SATCO-S7205 Datasheet
131Kb / 1P
15 watt; PAR30 Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
More results

Similar Description - S72XS-R

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A48P3616 AMICC-A48P3616 Datasheet
2Mb / 62P
8M X 16 Bit DDR DRAM
A48P4616 AMICC-A48P4616 Datasheet
2Mb / 71P
16M X 16 Bit DDR DRAM
logo
Austin Semiconductor
AS4SD16M16 AUSTIN-AS4SD16M16 Datasheet
1Mb / 51P
256 MB: 16 Meg x 16 SDRAM Synchronous DRAM Memory
AS4SD16M16 AUSTIN-AS4SD16M16_09 Datasheet
2Mb / 52P
256 MB: 16 Meg x 16 SDRAM Synchronous DRAM Memory
logo
Etron Technology, Inc.
EM6AA160TS ETRON-EM6AA160TS Datasheet
406Kb / 51P
16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM6AA160TSA ETRON-EM6AA160TSA Datasheet
436Kb / 54P
16M x 16 bit DDR Synchronous DRAM (SDRAM)
logo
AMIC Technology
A48P3616B AMICC-A48P3616B Datasheet
1Mb / 66P
8M X 16 Bit DDR DRAM
A48P4616B AMICC-A48P4616B Datasheet
1Mb / 66P
16M X 16 Bit DDR DRAM
logo
Etron Technology, Inc.
EM6AA160TSC-4G ETRON-EM6AA160TSC-4G Datasheet
481Kb / 63P
16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM63A165TS-5IG ETRON-EM63A165TS-5IG Datasheet
565Kb / 53P
16M x 16 bit Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com