Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S72XS-R Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # S72XS-R
Description  256 Mb (16M x 16 bit), 1.8V MirrorBit짰 Flash and DDR DRAM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S72XS-R Datasheet(HTML) 4 Page - Cypress Semiconductor

  S72XS-R Datasheet HTML 1Page - Cypress Semiconductor S72XS-R Datasheet HTML 2Page - Cypress Semiconductor S72XS-R Datasheet HTML 3Page - Cypress Semiconductor S72XS-R Datasheet HTML 4Page - Cypress Semiconductor S72XS-R Datasheet HTML 5Page - Cypress Semiconductor S72XS-R Datasheet HTML 6Page - Cypress Semiconductor S72XS-R Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
S72XS-R MCP
Document Number: 002-00772 Rev. *J
Page 4 of 7
Ordering Information
The order number (Valid Combination) is formed by the following:
Valid Combinations
Valid combinations in Table 5 list the configurations planned to be supported in volume for this device. Contact your local sales
office to confirm the availability of specific valid combinations and to check on newly released combinations.
Electronic Serial Number
For applicable devices, the Factory Secured Silicon Area contains a random, 128-bit ESN, stored in the address range
000000h-000007h.
Notes
3. Packing Type 0 is standard. Specify other options as required.
4. BGA package marking omits leading “S” and packing type designator from ordering part number.
S72XS
256
R
E0
AH
B
HE
3
Packing Type
0 = Tray
3 = 13-inch Tape and Reel
Model Number
See Valid Combinations (Table 5)
Package Modifier
B = 133-ball, 8x8 mm, FBGA MCP
Package and Material Type
AH = Thin profile Fine-pitch BGA Pb-free Low-Halogen MCP (0.5 mm pitch)
DDR DRAM and Data Flash Density
E0 = 256 Mb DDR, No Data Flash
Process Technology
R = 65 nm, MirrorBit
Technology
Code Flash Density
256 = 256 Mb
Product Family
S72XS Multi-Chip Product (MCP)
1.8V Address-High, Address-Low, Data Multiplexed, SRW, Burst Mode Flash and DDR
DRAM on Split Bus
Table 5. Valid Combinations
Base OPN
[4]
Package
Model
Number
Packing
Type
[3, 4]
Flash
Boot
Temperature
Range
Electronic
Serial
Number
Flash
Density
DDR
DRAM
Density
Flash
Speed
(MHz)
DRAM
Speed
(MHz)
DRAM
Specification
Package
S72XS256RE0
AHB
H1
0, 3
Top
Wireless
Yes
256 Mb
256 Mb
108
166
SDM256D166
D1R
8.0
 8.0 mm
133-ball MCP
(RSC133)
J1
Bottom
No
SDM256D166
D3R
HH
Top
Industrial
Yes
JH
Bottom
H2
Top
J2
Bottom



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com