Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S72XS-R Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # S72XS-R
Description  256 Mb (16M x 16 bit), 1.8V MirrorBit짰 Flash and DDR DRAM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S72XS-R Datasheet(HTML) 5 Page - Cypress Semiconductor

  S72XS-R Datasheet HTML 1Page - Cypress Semiconductor S72XS-R Datasheet HTML 2Page - Cypress Semiconductor S72XS-R Datasheet HTML 3Page - Cypress Semiconductor S72XS-R Datasheet HTML 4Page - Cypress Semiconductor S72XS-R Datasheet HTML 5Page - Cypress Semiconductor S72XS-R Datasheet HTML 6Page - Cypress Semiconductor S72XS-R Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
S72XS-R MCP
Document Number: 002-00772 Rev. *J
Page 5 of 7
Package Diagram
Figure 2. RSC133
133-Ball Fine-Pitch Ball Grid Array (FBGA) 8.0  8.0 mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com