Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S72XS-R Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # S72XS-R
Description  256 Mb (16M x 16 bit), 1.8V MirrorBit짰 Flash and DDR DRAM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S72XS-R Datasheet(HTML) 6 Page - Cypress Semiconductor

  S72XS-R Datasheet HTML 1Page - Cypress Semiconductor S72XS-R Datasheet HTML 2Page - Cypress Semiconductor S72XS-R Datasheet HTML 3Page - Cypress Semiconductor S72XS-R Datasheet HTML 4Page - Cypress Semiconductor S72XS-R Datasheet HTML 5Page - Cypress Semiconductor S72XS-R Datasheet HTML 6Page - Cypress Semiconductor S72XS-R Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
S72XS-R MCP
Document Number: 002-00772 Rev. *J
Page 6 of 7
Document History Page
Document Title: S72XS-R MCP, 256 Mb (16M x 16 bit), 1.8V MirrorBit
® Flash and DDR DRAM
Document Number: 002-00772
Revision
ECN
Orig. of
Change
Submission
Date
Description of Change
**
BWHA
10/07/2008
Initial release
*A
BWHA
01/13/2009
Global: Added section Electronic Serial Number
*B
BWHA
12/18/2009
Global: Added SDM128D166D1K OPN
Product Block Diagram:
Figure: Updated D-VSS and D-VSSQ connections. Removed D-TEST signal
Physical Dimensions: Updated with RSC133
*C
BWHA
02/01/2010
Connection Diagrams: Updated figure: changed Ball A2 with DNU
*D
BWHA
08/19/2010
Global: Updated references for Low Power DDR SDRAM to SDM128D166D1R
DDR Specification Reference: Added reference for 256 Mb DDR DRAM
Product Selector Guide:
Added “not recommended for new designs” note to OPN S72XS128RD0AHBH60
Added OPN S72XS256RE0AHBH1
Removed OPN S72XS256RD0AHBHE
Product Block Diagram: Updated block diagram to show common Ground. Updated Note 1b.
Connection Diagrams:
Updated connection diagram to show common Ground
Updated to show D-A12
Added table to show D-Amax value for related MCP
Balls F1, M2 and M12 changed from NC to RFU
Input/Output Descriptions:
Replaced F-VSS, D-VSS, D-VSSQ with VSS
Corrected F-ACC to F-VPP
Refreshed descriptions for DNU, NC, RFU
Ordering Information/Valid Combinations: Updated for new OPN S72XS256RE0AHBH1
*E
BWHA
12/10/2010
Global: Updated 256 Mb DRAM specification reference
*F
BWHA
03/17/2011
Global:
Removed SDM128D166D1K references
Removed OPN S72XS128RD0AHBH60, Added OPN S72XS256RE0AHBJ1
*G
BWHA
10/05/2011
Ordering Information: Replaced Product Selector Guide section
Valid Combinations:
Made a separate section
Added OPNs: S72XS128RD0AHBHD, S72XS256RE0AHBHH/JH
*H
BWHA
04/17/2012
Ordering Information: Added ESN support for S72XS256RE0AHBH1
*I
4960467
BWHA
10/13/2015
Updated to new template.
*J
5181007
NFB
03/18/2016
Removed S72XS128RD0 as it is EOL’d.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com