Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S24CS16A Datasheet(PDF) 33 Page - Seiko Instruments Inc

Part # S24CS16A
Description  S24CS16A
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S24CS16A Datasheet(HTML) 33 Page - Seiko Instruments Inc

Back Button S24CS16A Datasheet HTML 29Page - Seiko Instruments Inc S24CS16A Datasheet HTML 30Page - Seiko Instruments Inc S24CS16A Datasheet HTML 31Page - Seiko Instruments Inc S24CS16A Datasheet HTML 32Page - Seiko Instruments Inc S24CS16A Datasheet HTML 33Page - Seiko Instruments Inc S24CS16A Datasheet HTML 34Page - Seiko Instruments Inc S24CS16A Datasheet HTML 35Page - Seiko Instruments Inc S24CS16A Datasheet HTML 36Page - Seiko Instruments Inc S24CS16A Datasheet HTML 37Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
2ワイヤ CMOS シリアルE2PROM
Rev.4.0_00
S-24CS16A
セイコーインスツル株式会社
33
1.19 HIGH入力反転電圧 (VIH)
 電源電圧 (VCC)
1.20 HIGH入力反転電圧 (VIH)
 周囲温度 (Ta)
Ta
=25°C
1.0
0
2.0
3.0
VIH
(V)
VCC (V)
7
6
2 3 4 5
1
SDA, SCL
VCC
=5.0 V
SDA, SCL
1.0
0
2.0
3.0
VIH
(V)
Ta (
°C)
–40
0
85
1.21 LOW入力反転電圧 (VIL)
電源電圧 (VCC)
1.22 LOW入力反転電圧 (VIL)
 周囲温度 (Ta)
Ta
=25°C
SDA, SCL
1.0
0
2.0
3.0
VIL
(V)
VCC (V)
7
6
2 3 4 5
1
VCC
=5.0 V
SDA, SCL
1.0
0
2.0
3.0
VIL
(V)
Ta (°C)
–40
0
85
1.23 低電源検出電圧 (
−VDET)  周囲温度 (Ta)
1.24 低電源解除電圧 (
+VDET)  周囲温度 (Ta)
1.0
0
2.0
–VDET
(V)
Ta (°C)
–40
0
85
1.0
0
2.0
+VDET
(V)
Ta (°C)
–40
0
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com