Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S24CS16A Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S24CS16A
Description  S24CS16A
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S24CS16A Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S24CS16A Datasheet HTML 3Page - Seiko Instruments Inc S24CS16A Datasheet HTML 4Page - Seiko Instruments Inc S24CS16A Datasheet HTML 5Page - Seiko Instruments Inc S24CS16A Datasheet HTML 6Page - Seiko Instruments Inc S24CS16A Datasheet HTML 7Page - Seiko Instruments Inc S24CS16A Datasheet HTML 8Page - Seiko Instruments Inc S24CS16A Datasheet HTML 9Page - Seiko Instruments Inc S24CS16A Datasheet HTML 10Page - Seiko Instruments Inc S24CS16A Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
2ワイヤ CMOS シリアルE2PROM
Rev.4.0_00
S-24CS16A
セイコーインスツル株式会社
7
■
DC電気的特性
表
10
項
目
記号
条
件
VCC
=4.5 ~ 5.5 V
f
= 400 kHz
VCC
=2.7 ~ 4.5 V
f
= 100 kHz
VCC
=1.8 ~ 2.7 V
f
= 100 kHz
単位
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
読み出し時消費電流
ICC1
0.8
0.5
0.3
mA
書き込み時消費電流
ICC2
4.0
3.0
表
11
項
目
記号
条
件
VCC
=4.5 ~ 5.5 V
VCC
=1.8 ~ 4.5 V
単位
Min.
Typ.
Max.
Min.
Typ.
Max.
待機時消費電流
ISB VIN
=VCC or GND
5.0
3.0
µA
入力リーク電流
ILI VIN
=GND ∼ VCC
0.1
1.0
0.1
1.0
出力リーク電流
ILO VOUT
=GND ∼ VCC
0.1
1.0
0.1
1.0
IOL
=3.2 mA
0.4
V
低レベル出力電圧
VOL
IOL
=1.5 mA
0.3
0.3
カレントアドレス保持電圧
VAH
1.5
5.5
1.5
4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com