Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S24CS16A Datasheet(PDF) 35 Page - Seiko Instruments Inc

Part # S24CS16A
Description  S24CS16A
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S24CS16A Datasheet(HTML) 35 Page - Seiko Instruments Inc

Back Button S24CS16A Datasheet HTML 31Page - Seiko Instruments Inc S24CS16A Datasheet HTML 32Page - Seiko Instruments Inc S24CS16A Datasheet HTML 33Page - Seiko Instruments Inc S24CS16A Datasheet HTML 34Page - Seiko Instruments Inc S24CS16A Datasheet HTML 35Page - Seiko Instruments Inc S24CS16A Datasheet HTML 36Page - Seiko Instruments Inc S24CS16A Datasheet HTML 37Page - Seiko Instruments Inc S24CS16A Datasheet HTML 38Page - Seiko Instruments Inc S24CS16A Datasheet HTML 39Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
2ワイヤ CMOS シリアルE2PROM
Rev.4.0_00
S-24CS16A
セイコーインスツル株式会社
35
2.7 SDA出力遅延時間 (tAA)
 周囲温度 (Ta)
Ta(
°C)
–40
0
85
VCC
=1.8 V
1.0
0.5
tAA
(
µs)
0
■ 品目コードの構成
1. 8-Pin DIP、8-Pin SOP(JEDEC)、8-Pin TSSOP、SNT-8Aの場合
S-24CS16A
0I
- xxxx
G
パッケージ略号と
ICの梱包仕様
D8S1: 8-Pin DIP、スティック品
J8T1: 8-Pin SOP (JEDEC) 、テープ品
T8T1: 8-Pin TSSOP、テープ品
I8T1: SNT-8A、テープ品
固定
製品名
S-24CS16A: 16 Kビット
2. WLP-6Aの場合
S-24CS16A
0I
- H6T1
パッケージ略号と
ICの梱包仕様
H6T1: WLP-6A、テープ品
固定
製品名
S-24CS16A: 16 Kビット



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com