Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCL2310G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UCL2310G-S08-R
Description  PSR SINGLE-STAGE APFC OFFLINE LED CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCL2310G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UCL2310G-S08-R Datasheet HTML 1Page - Unisonic Technologies UCL2310G-S08-R Datasheet HTML 2Page - Unisonic Technologies UCL2310G-S08-R Datasheet HTML 3Page - Unisonic Technologies UCL2310G-S08-R Datasheet HTML 4Page - Unisonic Technologies UCL2310G-S08-R Datasheet HTML 5Page - Unisonic Technologies UCL2310G-S08-R Datasheet HTML 6Page - Unisonic Technologies UCL2310G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UCL2310
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R125-061.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
VCC pin input voltage
VCC
-0.3 ~ 25
V
VCC pin maximum sink current
ICC_MAX
5
mA
Compensation pin voltage
COMP
-0.3 ~ 6
V
Feedback pin input voltage
FB
-0.3 ~ 6
V
Current sense pin input voltage
CS
-0.3 ~ 6
V
Gate driver pin voltage
GATE
-0.3 ~ 25
V
Power dissipation
PDMAX
0.45
W
Operating junction temperature
TJ
-40 ~ +150
°C
Storage temperature range
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
145
°C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com