Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCL2310G-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UCL2310G-S08-R
Description  PSR SINGLE-STAGE APFC OFFLINE LED CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCL2310G-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UCL2310G-S08-R Datasheet HTML 1Page - Unisonic Technologies UCL2310G-S08-R Datasheet HTML 2Page - Unisonic Technologies UCL2310G-S08-R Datasheet HTML 3Page - Unisonic Technologies UCL2310G-S08-R Datasheet HTML 4Page - Unisonic Technologies UCL2310G-S08-R Datasheet HTML 5Page - Unisonic Technologies UCL2310G-S08-R Datasheet HTML 6Page - Unisonic Technologies UCL2310G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
UCL2310
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R125-061.a
APPLICATION INFORMATION
The UTC UCL2310 is a high precision primary-side regulation single stage Active PFC controller for constant
current LED lighting, Operating in critical conduction mode, the controller achieves high power factor, low THD and
high efficiency.
Start Up
After system powered up, the VCC pin capacitor is charged up by the start up resistor. When the VCC pin voltage
reaches the turn on threshold, the internal circuits start working. The COMP pin voltage is pulled up to 1.5V quickly,
then the UTC UCL2310 starts the MOSFET driver. The system works at 10kHz frequency at the beginning, the
COMP voltage rises up gradually, and the transformer primary peak current also rises up. The LED current hence
achieves a soft start without overshoot. After the output voltage is built up, the VCC power is supplied by the auxiliary
winding.
Constant Current Control
The UTC UCL2310 adopts proprietary primary side current sensing scheme. It can precisely control the LED
current without secondary side sense and feedback circuit. The current in LED can be calculated by the equation:
S
P
CS
REF
OUT
N
N
R
V
I
2
Where,
VREF: Internal reference voltage
NP: Primary winding turns of transformer
NS: Secondary winding turns of transformer
Rcs: The current sensing resistor value
Feedback Network
The UTC UCL2310 senses the output current zero crossing information through the feedback network, the
FB falling threshold voltage is set to 0.1V with 0.08V hysteresis. The FB pin is also used to detect output OVP,
the threshold voltage is 1.6V. The ratio of FB upper resistor to lower resistor can be set as:
A
S
FB
OVP
FBH
FBL
FBL
N
N
V
V
R
R
R
_
6
.
1
Where,
RFBL: The lower resistor of the feedback network
RFBH: The upper resistor of the feedback network
VOVP_FB: Output over voltage setting point
NS: Secondary winding turns of transformer
NA: Auxiliary winding turns of transformer
The FB upper resistor can be set to around 330kΩ to improve the system efficiency. It is also used for fine tuning
the LED current line compensation.
Thermal Regulation
The UTC UCL2310 integrates thermal regulation function. When the system is over temperature, the output
current is gradually reduced; the output power and thermal dissipation are also reduced. The system temperature is
regulated and the system reliability is improved. The thermal regulation temperature is set to 150℃ internally.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com