Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCL2310G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UCL2310G-S08-R
Description  PSR SINGLE-STAGE APFC OFFLINE LED CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCL2310G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UCL2310G-S08-R Datasheet HTML 1Page - Unisonic Technologies UCL2310G-S08-R Datasheet HTML 2Page - Unisonic Technologies UCL2310G-S08-R Datasheet HTML 3Page - Unisonic Technologies UCL2310G-S08-R Datasheet HTML 4Page - Unisonic Technologies UCL2310G-S08-R Datasheet HTML 5Page - Unisonic Technologies UCL2310G-S08-R Datasheet HTML 6Page - Unisonic Technologies UCL2310G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UCL2310
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R125-061.a
ELECTRICAL CHARACTERISTICS (TA=25°C, VCC=15V,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE SECTION
VCC Turn On Threshold
VCC_ON
VCC Rising
16.7
V
VCC Turn Off Threshold
VCC_UVLO
VCC Falling
7.5
V
VCC Over Voltage Protection threshold
VCC_OVP
19
V
VCC Clamp Voltage
VCC_CLAMP
23
V
VCC Startup Current
ICC_UVLO
VCC Rising
VCC= VCC_ON - 1V
33
50
uA
VCC Operating Current
ICC
FOP=10kHz,
Load=100pF
1
2
mA
FEEDBACK SECTION
FB Falling Edge Threshold Voltage
VFB_FALL
FB Falling
0.1
V
FB Hysteresis Voltage
VFB_HYS
FB Rising
0.08
V
FB Over Voltage Protection Threshold
VFB_OVP
1.6
V
Maximum On Time
TON_MAX
25
us
Minimum Off Time
TOFF_MIN
4.5
us
Maximum Off Time
TOFF_MAX
100
us
CURRENT SENSE SECTION
CS Peak Voltage Limitation
VCS_LIMIT
1.0
V
Leading Edge Blanking Time for Current
Sense
TLEB_CS
350
ns
Switch off Delay Time
TDELAY
200
ns
COMPENSATION SECTION
Internal Reference Voltage
VREF
0.194
0.200
0.206
V
COMP Low Clamp Voltage
VCOMP_LO
1.5
V
COMP Linear Operating Voltage Range
VCOMP
1.5
3.5
V
COMP Protection Threshold
VCOMP_OVP
3.6
V
DRIVER SECTION
GATE pin Maximum Sourcing Current
ISOURCE_MAX
200
mA
GATE pin Maximum Sinking Current
ISINK_MAX
600
mA
THERMAL REGULATION SECTION
Thermal Regulation Temperature
TREG
150
°C
Notes: 1. production testing of the chip is performed at 25°C.
2. the maximum and minimum parameters specified are guaranteed by test, the typical value are guaranteed
by design, characterization and statistical analysis.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com