Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCL2310G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UCL2310G-S08-R
Description  PSR SINGLE-STAGE APFC OFFLINE LED CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCL2310G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UCL2310G-S08-R Datasheet HTML 1Page - Unisonic Technologies UCL2310G-S08-R Datasheet HTML 2Page - Unisonic Technologies UCL2310G-S08-R Datasheet HTML 3Page - Unisonic Technologies UCL2310G-S08-R Datasheet HTML 4Page - Unisonic Technologies UCL2310G-S08-R Datasheet HTML 5Page - Unisonic Technologies UCL2310G-S08-R Datasheet HTML 6Page - Unisonic Technologies UCL2310G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UCL2310
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R125-061.a
PSR SINGLE-STAGE APFC
OFFLINE LED CONTROLLER
DESCRIPTION
The UTC UCL2310 is a high precision primary-side regulation
PWM controller with single stage Active PFC, specially designed
for universal input offline flyback or buck-boost constant current
LED lighting. The controller with on-chip PFC circuit achieves
high power factor and low THD. Operating in critical conduction
mode, the power MOSFET switching loss is reduced and the
inductor is fully utilized.
The UTC UCL2310 adopts proprietary primary side current
sensing scheme. It can precisely control the LED current without
secondary side sense and feedback circuits. The system size
and cost are optimized, as well as the system reliability.
SOP-8
The UTC UCL2310 utilizes patented line and load voltage
compensation method to achieve excellent line and load
regulation. And the line compensation factor can also be tuned
externally for flexibility.
The UTC UCL2310 offers rich protection functions to improve
the system reliability, including LED open circuit protection, LED
short circuit protection, VCC over voltage protection, VCC under
voltage protection, CS resistor open protection and cycle by cycle
current limit. All the protection functions are auto-recovery. The
system reliability is further improved by the thermal regulation
function. The output current is reduced when the controller is
over temperature.
FEATURES
* Single-Stage Active PFC for High Power Factor and
Low THD
* Primary Side Control Constant Current Operation, No
Opto-Coupler required
* ±3% LED Current Accuracy
* Excellent Line and Load Regulation
* Critical Conduction Mode Operation
* Ultra-Low (33uA) Startup Current
* High Resistance Feedback Resistor for Improved
Efficiency
* LED Open and Short Circuit Protection
* CS Resistor Open Circuit Protection
* Cycle-by-Cycle Current Limit
* VCC Over-voltage and Under-voltage Protection
* Auto Fault Recovery
* Thermal Regulation Function
ORDERING INFORMATION
Ordering Number
Package
Packing
UCL2310G-S08-R
SOP-8
Tape Reel
UCL2310G-S08-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) S08: SOP-8
(3) G: Halogen Free and Lead Free
(3)Green Package


Similar Part No. - UCL2310G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCL2300 UTC-UCL2300 Datasheet
188Kb / 5P
PSR SINGLE-STAGE APFC OFFLINE LED DRIVER
UCL2300G-S08-R UTC-UCL2300G-S08-R Datasheet
188Kb / 5P
PSR SINGLE-STAGE APFC OFFLINE LED DRIVER
More results

Similar Description - UCL2310G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCL2300 UTC-UCL2300 Datasheet
188Kb / 5P
PSR SINGLE-STAGE APFC OFFLINE LED DRIVER
logo
Bright Power Semiconduc...
BP2329AJ BPS-BP2329AJ Datasheet
157Kb / 2P
Non-isolated Buck APFC Offline LED Controller
BP3316D BPS-BP3316D Datasheet
146Kb / 2P
PSR Single-Stage APFC Offline LED Driver
BP3319MB BPS-BP3319MB Datasheet
180Kb / 2P
PSR Single-Stage APFC Offline LED Controller
logo
Princeton Technology Co...
PT6978A PTC-PT6978A Datasheet
425Kb / 4P
Single Stage APFC Buck LED Driver
PT6978H PTC-PT6978H Datasheet
363Kb / 4P
Single-Stage APFC Buck LED Driver
PT6978L PTC-PT6978L Datasheet
363Kb / 4P
Single-Stage APFC Buck LED Driver
RS2335 PTC-RS2335 Datasheet
145Kb / 4P
PSR and Single Stage PFC Controller for LED Lighting
logo
Bright Power Semiconduc...
BP2329A BPS-BP2329A Datasheet
469Kb / 8P
Non-isolated Buck APFC Offline LED Controller
BP3309 BPS-BP3309 Datasheet
378Kb / 8P
PSR Single-Stage APFC Offline LED Controller
Rev 1.2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com