Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCL2310G-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UCL2310G-S08-R
Description  PSR SINGLE-STAGE APFC OFFLINE LED CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCL2310G-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UCL2310G-S08-R Datasheet HTML 1Page - Unisonic Technologies UCL2310G-S08-R Datasheet HTML 2Page - Unisonic Technologies UCL2310G-S08-R Datasheet HTML 3Page - Unisonic Technologies UCL2310G-S08-R Datasheet HTML 4Page - Unisonic Technologies UCL2310G-S08-R Datasheet HTML 5Page - Unisonic Technologies UCL2310G-S08-R Datasheet HTML 6Page - Unisonic Technologies UCL2310G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
UCL2310
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R125-061.a
APPLICATION INFORMATION (Cont.)
Protection Functions
The UTC UCL2310 offers rich protection functions to improve the system reliability.
When the LED is open circuit, the output voltage will gradually rise up. The VCC voltage will also rise up. When
VCC voltage reaches the 19V OVP threshold, it will trigger fault logic and the system stops switching. At some
catastrophic fault condition, if the VCC voltage continues to rise, the internal clamping circuit will limit the VCC voltage
to 23V, which helps improving the system reliability.
When the LED is shorted circuit, the system will work under 10kHz switching frequency. Meanwhile, the output
voltage is low and the auxiliary winding cannot charge the VCC pin. So the VCC pin voltage will gradually decrease
and finally reaches the UVLO threshold.
After the system enters into fault condition, the VCC voltage will decrease until it reaches UVLO threshold, then
the system will re-start again. If the fault condition is removed, the system will resume normal operation.
When the output is short circuit or the transformer is saturated, the CS peak voltage will be relatively high. When
CS voltage reaches the internal limitation (1V), the power MOSFE will be turned off instantaneously. This cycle by
cycle current limitation can help protecting the power MOSFET, the transformer and the output rectifying diode.
PCB Layouts
The following guidelines should be followed in UTC UCL2310 PCB layout:
Bypass Capacitor
The bypass capacitor on VCC pin should be as close as possible to the VCC and GND pins.
Ground Path
The power ground path for current sense resistor should be short and wide, and it should be as close as possible
to the IC ground (pin 2), otherwise the LED output current accuracy maybe affected. The IC signal ground for COMP
and FB components should be connected to the IC GND pin wit short traces and should be away from the power
ground path.
The Area of Power Loop
The area of main current loop should be as small as possible to reduce EMI radiation, such as the primary current
loop, the snubber circuit and the secondary rectifying loop.
FB Pin
The feedback resistor divider should be as close as possible to the FB pin, and the trace must keeps away from
dynamic node of the transformer and MOSFET DRAIN trace, otherwise the FB pin OVP function might have risk to
be mis-triggered by the system noise.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com