Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8139ACPZ-R21 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8139ACPZ-R21
Description  Low Noise Rail-to-Rail Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8139ACPZ-R21 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8139ACPZ-R21 Datasheet HTML 13Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 14Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 15Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 16Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 17Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 18Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 19Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 20Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD8139
Rev. A | Page 17 of 24
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (
°C)
Figure 55. VOCM Bias Current vs. Temperature
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
–4
–2
0
2
4
6
VOCM (V)
VS = ±5V
VS = +5V
Figure 56. VOCM Bias Current vs. VOCM Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com