Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8139ACPZ-R21 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8139ACPZ-R21
Description  Low Noise Rail-to-Rail Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8139ACPZ-R21 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8139ACPZ-R21 Datasheet HTML 16Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 17Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 18Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 19Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 20Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 21Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 22Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 23Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
AD8139
Rev. A | Page 23 of 24
Exposed Paddle (EP)
Since this is a single-ended-to-differential application on a
single supply, the input common-mode voltage swing must be
checked. From Figure 62, β = 0.52, VOCM = 2.4 V, and VICM is
1.1 V p-p swinging about ground. Using Equation 16, VACM is
calculated to be 0.53 V p-p swinging about a baseline of 1.25 V,
and the minimum negative excursion is approximately 1 V.
The SOIC-8 and LFCSP packages have an exposed paddle on
the underside of its body. In order to achieve the specified
thermal resistance, it must have a good thermal connection to one
of the PCB planes. The exposed paddle must be soldered to a pad
on top of the board that is connected to an inner plane with several
thermal vias.
AD8139
+
–
8
2
1
6
3
4
2.4V
2V p-p
RT
61.9
Ω
5
VOCM
200
Ω
226
Ω
205
Ω
205
Ω
25
Ω
25
Ω
0.01
µF
0.01
µF
0.01
µF
AIN
AIN
GND C1
0.1
µF
C2
VREF
0.1
µF
AVCC
DVCC
5V
3.3V
AD6645
VS
SIGNAL
SOURCE
50
Ω
Figure 62. AD8139 Driving AD6645, 14-Bit, 80 MSPS/105 MSPS A/D Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com