Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8139ACPZ-R21 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8139ACPZ-R21
Description  Low Noise Rail-to-Rail Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8139ACPZ-R21 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8139ACPZ-R21 Datasheet HTML 16Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 17Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 18Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 19Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 20Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 21Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 22Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 23Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
AD8139
Rev. A | Page 24 of 24
OUTLINE DIMENSIONS
0.25 (0.0098)
0.17 (0.0068)
0.25 (0.0098)
0.10 (0.0039)
1.27 (0.050)
0.40 (0.016)
0.50 (0.020)
0.25 (0.010)
1.75 (0.069)
1.35 (0.053)
SEATING
PLANE
4
1
5.00 (0.197)
4.90 (0.193)
4.80 (0.189)
4.00 (0.157)
3.90 (0.154)
3.80 (0.150)
1.27 (0.05)
BSC
6.20 (0.244)
6.00 (0.236)
5.80 (0.228)
0.51 (0.020)
0.31 (0.012)
COPLANARITY
0.10
TOP VIEW
2.29 (0.092)
BOTTOM VIEW
(PINS UP)
2.29 (0.092)
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
COMPLIANT TO JEDEC STANDARDS MS-012
× 45°
8°
0°
85
Figure 63. 8-Lead Standard Small Outline Package with Exposed Pad [SOIC/EP], Narrow Body (RD-8-1)—Dimensions shown in millimeters and (inches)
1
EXPOSED
PAD
(BOTTOM VIEW)
0.50
BSC
0.60 MAX
PIN 1
INDICATOR
1.50
REF
0.50
0.40
0.30
0.25
MIN
0.45
2.75
BSC SQ
TOP
VIEW
12° MAX
0.80 MAX
0.65 TYP
SEATING
PLANE
PIN 1
INDICATOR
0.90
0.85
0.80
0.30
0.23
0.18
0.05 MAX
0.02 NOM
0.20 REF
1.90
1.75
1.60
4
1.60
1.45
1.30
3.00
BSC SQ
5
8
Figure 64. 8-Lead Lead Frame Chip Scale Package [LFCSP], 3 mm × 3 mm Body (CP-8-2)—Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
AD8139ARD
–40°C to +125°C
8-Lead Small Outline Package (SOIC)
RD-8-1
AD8139ARD-REEL
–40°C to +125°C
8-Lead Small Outline Package (SOIC)
RD-8-1
AD8139ARD-REEL7
–40°C to +125°C
8-Lead Small Outline Package (SOIC)
RD-8-1
AD8139ARDZ1
–40°C to +125°C
8-Lead Small Outline Package (SOIC)
RD-8-1
AD8139ARDZ-REEL1
–40°C to +125°C
8-Lead Small Outline Package (SOIC)
RD-8-1
AD8139ARDZ-REEL71
–40°C to +125°C
8-Lead Small Outline Package (SOIC)
RD-8-1
AD8139ACP-R2
–40°C to +125°C
8-Lead Lead Frame Chip Scale Package (LFCSP)
CP-8-2
HEB
AD8139ACP-REEL
–40°C to +125°C
8-Lead Lead Frame Chip Scale Package (LFCSP)
CP-8-2
HEB
AD8139ACP-REEL7
–40°C to +125°C
8-Lead Lead Frame Chip Scale Package (LFCSP)
CP-8-2
HEB
AD8139ACPZ-R21
–40°C to +125°C
8-Lead Lead Frame Chip Scale Package (LFCSP)
CP-8-2
HEB
AD8139ACPZ-REEL1
–40°C to +125°C
8-Lead Lead Frame Chip Scale Package (LFCSP)
CP-8-2
HEB
AD8139ACPZ-REEL71
–40°C to +125°C
8-Lead Lead Frame Chip Scale Package (LFCSP)
CP-8-2
HEB
1 Z = Pb-free part.
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and regis-
tered trademarks are the property of their respective owners.
D04679–0–8/04(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com