Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8139ACPZ-R21 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8139ACPZ-R21
Description  Low Noise Rail-to-Rail Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8139ACPZ-R21 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8139ACPZ-R21 Datasheet HTML 15Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 16Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 17Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 18Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 19Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 20Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 21Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 22Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD8139
Rev. A | Page 19 of 24
APPLICATIONS
ESTIMATING NOISE, GAIN, AND BANDWIDTH
WITH MATCHED FEEDBACK NETWORKS
Estimating Output Noise Voltage
The total output noise is calculated as the root-sum-squared
total of several statistically independent sources. Since the
sources are statistically independent, the contributions of each
must be individually included in the root-sum-square calcula-
tion. Table 6 lists recommended resistor values and estimates of
bandwidth and output differential voltage noise for various
closed-loop gains. For most applications, 1% resistors are
sufficient.
Table 6. Recommended Values of Gain-Setting Resistors and
Voltage Noise for Various Closed-Loop Gains
Gain
RG (Ω)
RF (Ω)
3 dB
Bandwidth
(MHz)
Total Output
Noise (nV/√Hz)
1
200
200
400
5.8
2
200
400
160
9.3
5
200
1 k
53
19.7
10
200
2 k
26
37
The differential output voltage noise contains contributions
from the AD8139’s input voltage noise and input current noise
as well as those from the external feedback networks.
The contribution from the input voltage noise spectral density
is computed as
⎟
⎠
⎞
⎜
⎝
⎛ +
=
G
F
n
R
R
v
Vo_n
1
1
, or equivalently, vn/β
(7)
where vn is defined as the input-referred differential voltage
noise. This equation is the same as that of traditional op amps.
The contribution from the input current noise of each input is
computed as
( )
F
n R
i
Vo_n =
2
(8)
where in is defined as the input noise current of one input. Each
input needs to be treated separately since the two input currents
are statistically independent processes.
The contribution from each RG is computed as
⎟
⎠
⎞
⎜
⎝
⎛
=
G
F
G
R
R
kTR
Vo_n
4
3
(9)
This result can be intuitively viewed as the thermal noise of
each RG multiplied by the magnitude of the differential gain.
The contribution from each RF is computed as
F
kTR
n
Vo
4
4
_
=
(10)
Voltage Gain
The behavior of the node voltages of the single-ended-to-
differential output topology can be deduced from the previous
definitions. Referring to Figure 57, (CF = 0) and setting VIN = 0
one can write
F
ON
AP
G
AP
IP
R
V
V
R
V
V
−
=
−
(11)
⎥⎦
⎤
⎢⎣
⎡
+
=
=
G
F
G
OP
AP
AN
R
R
R
V
V
V
(12)
Solving the above two equations and setting VIP to Vi gives the
gain relationship for VO, dm/Vi.
i
G
F
dm
O,
ON
OP
V
R
R
V
V
V
=
=
−
(13)
An inverting configuration with the same gain magnitude can
be implemented by simply applying the input signal to VIN and
setting VIP = 0. For a balanced differential input, the gain from
VIN, dm
to VO, dm is also equal to RF/RG, where VIN, dm = VIP − VIN.
Feedback Factor Notation
When working with differential amplifiers, it is convenient to
introduce the feedback factor β, which is defined as
G
F
G
R
R
R
+
=
β
(14)
This notation is consistent with conventional feedback analysis
and is very useful, particularly when the two feedback loops are
not matched.
Input Common-Mode Voltage
The linear range of the VAN and VAP terminals extends to within
approximately 1 V of either supply rail. Since VAN and VAP are
essentially equal to each other, they are both equal to the ampli-
fier’s input common-mode voltage. Their range is indicated in
the Specifications tables as input common-mode range. The
voltage at VAN and VAP for the connection diagram in Figure 57
can be expressed as
=
=
=
ACM
AP
AN
V
V
V
⎟
⎠
⎞
⎜
⎝
⎛
×
+
+
⎟
⎠
⎞
⎜
⎝
⎛
+
×
+
OCM
G
F
G
IN
IP
G
F
F
V
R
R
R
V
V
R
R
R
2
)
(
(15)
where VACM is the common-mode voltage present at the
amplifier input terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com