Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8139ACPZ-R21 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8139ACPZ-R21
Description  Low Noise Rail-to-Rail Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8139ACPZ-R21 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8139ACPZ-R21 Datasheet HTML 16Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 17Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 18Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 19Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 20Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 21Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 22Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 23Page - Analog Devices AD8139ACPZ-R21 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD8139
Rev. A | Page 21 of 24
The circuit has a differential gain of 1.6 and β = 0.38. VICM has
an amplitude of 2.5 V p-p and is swinging about ground. Using
the results in Equation 16, the common-mode voltage at the
AD8139’s inputs, VACM, is a 1.5 V p-p signal swinging about a
baseline of 0.95 V. The maximum negative excursion of VACM in
this case is 0.2 V, which exceeds the lower input common-mode
voltage limit.
One way to avoid the input common-mode swing limitation is
to bias VIN and VREF at midsupply. In this case, VIN is 5 V p-p
swinging about a baseline at 2.5 V and VREF is connected to a
low-Z 2.5 V source. VICM now has an amplitude of 2.5 V p-p and
is swinging about 2.5 V. Using the results in Equation 17, VACM is
calculated to be equal to VICM because VOCM = VICM. Therefore,
VACM
swings from 1.25 V to 3.75 V, which is well within the
input common-mode voltage limits of the AD8139. Another
benefit seen in this example is that since VOCM = VACM = VICM no
wasted common-mode current flows. Figure 60 illustrates how
to provide the low-Z bias voltage. For situations that do not
require a precise reference, a simple voltage divider will suffice
to develop the input voltage to the buffer.
VIN
0V TO 5V
AD8139
+
–
8
2
1
6
3
4
5
VOCM
200
Ω
324
Ω
5V
200
Ω
324
Ω
0.1
µF
0.1
µF
10
µF
+
AD8031
+
–
0.1
µF
5V
ADR431
2.5V
REFERENCE
TO AD7674 REFBUFIN
Figure 60. Low-Z 2.5 V Buffer
Another way to avoid the input common-mode swing limita-
tion is to use dual power supplies on the AD8139. In this case,
the biasing circuitry is not required.
Bandwidth Versus Closed-Loop Gain
The AD8139’s 3 dB bandwidth decreases proportionally to
increasing closed-loop gain in the same way as a traditional
voltage feedback operational amplifier. For closed-loop gains
greater than 4, the bandwidth obtained for a specific gain can be
estimated as
)
300
(
,
3
,
MHz
R
R
R
V
dB
f
F
G
G
dm
OUT
×
+
=
−
(20)
or equivalently, β(300 MHz).
This estimate assumes a minimum 90 degree phase margin for
the amplifier loop, which is a condition approached for gains
greater than 4. Lower gains will show more bandwidth than
predicted by the equation due to the peaking produced by the
lower phase margin.
Estimating DC Errors
Primary differential output offset errors in the AD8139 are due
to three major components: the input offset voltage, the offset
between the VAN and VAP input currents interacting with the
feedback network resistances, and the offset produced by the dc
voltage difference between the input and output common-mode
voltages in conjunction with matching errors in the feedback
network.
The first output error component is calculated as
⎟
⎠
⎞
⎜
⎝
⎛
+
=
G
G
F
IO
R
R
R
V
e
Vo
1
_
, or equivalently as VIO/β
(21)
where VIO is the input offset voltage. The input offset voltage of the
AD8139 is laser trimmed and guaranteed to be less than 500 μV.
The second error is calculated as
( )
F
IO
G
F
F
G
G
G
F
IO
R
I
R
R
R
R
R
R
R
I
e
Vo
=
⎟
⎠
⎞
⎜
⎝
⎛
+
⎟
⎠
⎞
⎜
⎝
⎛
+
=
2
_
(22)
where IIO is defined as the offset between the two input bias
currents.
The third error voltage is calculated as
)
(
3
_
OCM
ICM
V
V
enr
e
Vo
−
×
∆
=
(23)
where Δenr is the fractional mismatch between the two
feedback resistors.
The total differential offset error is the sum of these three error
sources.
Other Impact of Mismatches in the Feedback Networks
The internal common-mode feedback network will still force
the output voltages to remain balanced, even when the RF/RG
feedback networks are mismatched. The mismatch will,
however, cause a gain error proportional to the feedback
network mismatch.
Ratio-matching errors in the external resistors will degrade the
ability to reject common-mode signals at the VAN and VIN input
terminals, much the same as with a four-resistor difference
amplifier made from a conventional op amp. Ratio-matching
errors will also produce a differential output component that is
equal to the VOCM input voltage times the difference between the
feedback factors (βs). In most applications using 1% resistors,
this component amounts to a differential dc offset at the output
that is small enough to be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com