Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V680-HS52-R-2M Datasheet(PDF) 56 Page - Omron Electronics LLC

Part # V680-HS52-R-2M
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-HS52-R-2M Datasheet(HTML) 56 Page - Omron Electronics LLC

Back Button V680-HS52-R-2M Datasheet HTML 51Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 52Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 53Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 54Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 55Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 56Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 57Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 58Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 59Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 56 / 59 page
background image
V680 Series
56
Interface Cables (Sold Separately)
AC Adapter
14.4
1
6.1
Connector: XG5M-2632-N
20±5
20±5
20±5
20±5
6
.
7
3
35±5
L 0
+50
320
9-dia. round insulated vinyl cable,
23 conductors (7/0.2 dia.: AWG24)
V680-A60 2M/5M/10M
Note: The connectors are not waterproof.
Cable length
L dimension
2 m
2,000
5 m
5,000
10 m
10,000
V600-A22
4.1 dia.
9.5 ± 0.3
1800 ± 100
45.5
33
23.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com