Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V680-HS52-R-2M Datasheet(PDF) 53 Page - Omron Electronics LLC

Part # V680-HS52-R-2M
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-HS52-R-2M Datasheet(HTML) 53 Page - Omron Electronics LLC

Back Button V680-HS52-R-2M Datasheet HTML 49Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 50Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 51Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 52Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 53Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 54Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 55Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 56Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 57Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 59 page
background image
53
V680 Series
Antenna with Built-in Amplifier Unit
Amplifier Unit
7.5
(45)
(17)
14
20 dia.
Four, 5-dia.
(Mounting holes)
Ferrite core
Connector
5.8-dia. vinyl-insulated
round cable
12 operation indicators (LEDs)
Communication surface
6
30 38
Coil core
185±0.2
Four, M4 or 4.5 dia.
(25 dia.)
Setting switch cover
13.5
(1)
40
4 mounting brackets
(enclosed)
Mounting Hole Dimensions
Communication surface
142.5
235±0.2
65
50
250
142.5
235
500 0
+50
64.8
200
185
V680-H01-V2
Case material
PC/ASA resin
Filling
Aluminum
Cable
PVC
13.7
65
18
51
36
15 dia.
40
25
9.5 dia.
25
3.5
12.8 dia.
15
35.6
25
5.8-dia. vinyl-insulated round cable
(2 conductors: 41/0.16 dia.,
8 conductors: 17/0.08 dia.)
Connector
Connector
Operation indicator
L
V680-HA63A/-HA63B
Cable length
L dimension
0.5 m
500 +100
−50
5 m
5,000 +100
−50
10 m
10,000 +200
−100
Case material
PC resin
Filling
Epoxy resin
Cable
PVC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com