Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V680-HS52-R-2M Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # V680-HS52-R-2M
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-HS52-R-2M Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button V680-HS52-R-2M Datasheet HTML 6Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 7Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 8Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 9Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 10Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 11Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 12Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 13Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
V680 Series
10
Bolt RF Tags (1-kbyte Memory)
* Oil resistance has been tested using a specific oil as defined in the OMRON test method.
Bolt RF Tags (2-kbyte Memory)
*1 The number of accesses is the total number of communications for reading or writing.
*2 Oil resistance has been tested using a specific oil as defined in the OMRON test method.
Item
Model
V680-D1KP52M-BT01
V680-D1KP52M-BT11
Memory capacity
1,000 bytes (user area)
Memory type
EEPROM
Data retention time
10 years after writing (85°C or less), 0.5 years after writing (85 to 125°C)
Total data retention at high temperatures exceeding 125°C is 10 houres
Write endurance
100,000 times per block (at 25°C)
Ambient operating
temperature
(during communication)
−25 to 85°C (with no icing)
Ambient storage
temperature
(during data backup)
−40 to 125°C (with no icing)
Ambient operating
humidity
35 to 95%
Degree of
protection
IP68 (IEC 60529:2001)
Oil resistance equivalent to IP67G (JIS C 0920:2003, Appendix 1)
*
Vibration resistance 10 to 2,000 Hz, 1.5-mm double amplitude at 150 m/s2 acceleration with 10 sweeps in X, Y, and Z directions for 15 minutes each
Shock resistance
500 m/s2 in X, Y, and Z directions 3 times each (18 times in total)
Materials
Bolt: SUS303,
Case (RF Tag): PPS resin,
Filling (RF Tag): Epoxy resin
Weight
Approx. 25 g
Approx. 10 g
Item
Model
V680-D2KF52M-BT01
V680-D2KF52M-BT11
Memory capacity
2,000 bytes (user area)
Memory type
FRAM
Data retention time
10 years after writing (55°C or less), 2.9 years after writing (85°C max.)
Write endurance
10 billion reads/writes per block, Number of accesses
*1: 10 billion times
Ambient operating
temperature
(during communication)
−25°C to 85°C (with no icing)
Ambient storage
temperature
(during data backup)
−40°C to 85°C (with no icing)
Ambient operating
humidity
35 to 95%
Degree of
protection
IP67 (IEC 60529:2001)
Oil resistance equivalent to IP67G (JIS C 0920:2003, Appendix 1)
*2
Vibration resistance 10 to 2,000 Hz, 1.5-mm double amplitude at 150 m/s2 acceleration with 10 sweeps in X, Y, and Z directions for 15 minutes each
Shock resistance
500 m/s2 in X, Y, and Z directions 3 times each (18 times in total)
Materials
Bolt: SUS303,
Case (RF Tag): PPS resin,
Filling (RF Tag): Epoxy resin
Weight
Approx. 25 g
Approx. 10 g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com