Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V680-HS52-R-2M Datasheet(PDF) 18 Page - Omron Electronics LLC

Part # V680-HS52-R-2M
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-HS52-R-2M Datasheet(HTML) 18 Page - Omron Electronics LLC

Back Button V680-HS52-R-2M Datasheet HTML 14Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 15Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 16Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 17Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 18Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 19Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 20Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 21Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 22Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 59 page
background image
V680 Series
18
Note: When mounting the V680-HS65, be sure to attach the Mounting Brackets at the base of the Antenna.
The enclosed Mounting Brackets do not need to be used, however, if the mounting brackets on the Antenna are metal plates and their
dimensions are larger than the dimensions of the Antenna (100 × 100 mm).
For details, refer to the User’s Manual (Cat. No. Z248 or Z262).
*1. The communication range may be reduced if the V680-D1KP66T-SP is mounted onto a metallic surface. Refer to the User’s Manual (Cat. No. Z262) for details.
*2. The Antenna can be mounted in metal, but the communications distance will decrease compared to mounting in nonmetal.
Confirm performance using the actual devices before actual operation.
High-temperature RF Tag (1-kbyte Memory) Communication
Recommended combination
Function
Communication
range
(unit: mm)
RF Tag and Antenna mounting conditions
RF Tag
Antenna
V680-D1KP66MT
(flush-mounted on metallic
surface: steel)
V680-HS52
Read
distance
0 to 16.0
(axis offset ±2)
Write
distance
0 to 14.0
(axis offset ±2)
V680-HS63
Read
distance
0 to 25.0
(axis offset ±10)
Write
distance
0 to 20.0
(axis offset ±10)
V680-HS65
Read
distance
0 to 25.0
(axis offset ±10)
Write
distance
0 to 20.0
(axis offset ±10)
V680-D1KP66T-SP
V680-HS52
Read
distance
0 to 15.0
*1
(axis offset ±2)
Write
distance
0 to 15.0
*1
(axis offset ±2)
V680-HS63
Read
distance
0 to 25.0
*1
(axis offset ±10)
Write
distance
0 to 20.0
*1
(axis offset ±10)
V680-HS65
Read
distance
0 to 42.0
*1
(axis offset ±10)
Write
distance
0 to 37.0
*1
(axis offset ±10)
Recommended combination
Function
Communication
range
(unit: mm)
RF Tag and Antenna mounting conditions
RF Tag
Antenna
V680-D1KP58HTN
V680-HS65
Read
distance
0 to 55
(axis offset ±10)
Write
distance
0 to 55
(axis offset ±10)
V680-H01-V2
Read
distance
0 to 150.0
(axis offset ±10)
Write
distance
0 to 150.0
(axis offset ±10)
V680-D1KP66MT
Metallic
Non-metallic
V680-HS52
*2
V680-HS63
V680-
D1KP66MT
Metallic
Non-metallic
*2
V680-HS65
V680-
D1KP66MT
Metallic
Metallic
V680-HS52
Non-metallic
Non-metallic
V680-D1KP66T-SP
Resin,
plastic,
wood, etc.
*2
V680-HS63
V680-
D1KP66T-SP
Non-metallic
V680-HS63
Resin,
plastic,
wood, etc.
*2
V680-HS65
V680-
D1KP66T-SP
Metallic
Non-metallic
Resin,
plastic,
wood, etc.
V680-HS65
V680-D1KP58HTN
Communication
range
Metal
Non-metallic
material
V680-H01-V2
V680-D1KP58HTN
Communication
range
Non-metallic
material
Non-metallic
material



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com