Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V680-HS52-R-2M Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # V680-HS52-R-2M
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-HS52-R-2M Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button V680-HS52-R-2M Datasheet HTML 9Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 10Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 11Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 12Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 13Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 14Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 15Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 16Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
13
V680 Series
ID Sensor Units
* When connected to the V680-H01: 280 mA. The V680-H01-V2 can be connected only to a 1-channel ID Sensor Unit. A 2-channel Unit cannot be used.
Functional Specifications of ID Sensor Units
Note: For details, refer to the User's Manual (Cat. No. Z271).
* Cannot be used for communications with the V680-D1KP@@.
Item
Model
CJ1W-V680C11
CJ1W-V680C12
CS1W-V680C11
CS1W-V680C12
Current
consumpt
ion
Internal: 5 V
260 mA
320 mA
260 mA
320 mA
Internal:
24 V/26 V
130 mA
*
260 mA
125 mA
*
−
External: 24 V −−
−
360 mA
Ambient operating
temperature
0 to 55°C
Ambient storage
temperature
−20°C to 75°C
Ambient operating
humidity
10% to 90% (with no condensation)
Insulation resistance
20 m
Ω min. at 500 VDC
Dielectric strength
1,000 VAC for 1 minute
Degree of protection
Mounted in panel (IP30)
Vibration resistance
10 to 57 Hz variable vibration, 0.075-mm double amplitude and 57 to 150 Hz variable vibration at 9.8 m/s2
acceleration, with 10 sweeps in X, Y, and Z directions for 8 minutes each
Shock resistance
147 m/s2 in X, Y, and Z directions 3 times each
Appearance
31 × 65 × 90 mm (excluding protrusions)
35 × 130 × 101 mm (excluding protrusions)
Item
Model
CJ1W-V680C11
CJ1W-V680C12
CS1W-V680C11
CS1W-V680C12
Communications control
protocol
Special protocol for CS, CJ and NJ PLCs
Number of Antenna
connections
12
12
Commands
Supported commands: Read, Write, Bit Set/Bit Clear, Mask Bit Write, Calculation Write, Data Fill, Data Check,
Number of Writes Control, Copy (CJ1W-V680C12 and CS1W-V680C12 only), Read with Error Correction/Write with
Error Correction, UID Read, and Noise Measurement.
The following communications options are supported: Single trigger, Single auto, Repeat auto, FIFO trigger, FIFO
repeat
*, Multi-access trigger, and Multi-access repeat *
Data transfer quantity
2,048 bytes max. (160 bytes/scan)
Diagnostic function
(1) CPU watchdog timer
(2) Communications error detection with RF Tag
(3) Antenna power supply error
Monitoring/testing
functions
Tag communications can be tested in Test Mode. Status is displayed by LED indicators.
Number of allocated
words
10 words
20 words
10 words
20 words



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com