Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL75G-SH2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UL75G-SH2-R
Description  ADAPTIVE CONDUCTION LINEAR DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL75G-SH2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UL75G-SH2-R Datasheet HTML 1Page - Unisonic Technologies UL75G-SH2-R Datasheet HTML 2Page - Unisonic Technologies UL75G-SH2-R Datasheet HTML 3Page - Unisonic Technologies UL75G-SH2-R Datasheet HTML 4Page - Unisonic Technologies UL75G-SH2-R Datasheet HTML 5Page - Unisonic Technologies UL75G-SH2-R Datasheet HTML 6Page - Unisonic Technologies UL75G-SH2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
UL75
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R125-051.b
PIN CONFIGURATION
1
2
3
4
6
7
8
5
ST
S1
S2
S3
VIN
OUT
REST
GND
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
ST
Adjust the output power and the soft start function
2
S1
The first LED string constant current output
3
S2
The second LED string constant current output
4
S3
The third LED string constant current output
5
GND
Ground
6
RSET
Set constant current
7
OUT
Power supply
8
VIN
Input AC voltage



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com