Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL75G-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UL75G-SH2-R
Description  ADAPTIVE CONDUCTION LINEAR DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL75G-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UL75G-SH2-R Datasheet HTML 1Page - Unisonic Technologies UL75G-SH2-R Datasheet HTML 2Page - Unisonic Technologies UL75G-SH2-R Datasheet HTML 3Page - Unisonic Technologies UL75G-SH2-R Datasheet HTML 4Page - Unisonic Technologies UL75G-SH2-R Datasheet HTML 5Page - Unisonic Technologies UL75G-SH2-R Datasheet HTML 6Page - Unisonic Technologies UL75G-SH2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UL75
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R125-051.b
ADAPTIVE CONDUCTION
LINEAR DRIVER
DESCRIPTION
UTC UL75 can drive a plurality of LED strings. When the
voltage detecting circuit detects the different voltage level of input
voltage, it can control the LED strings. If the input voltage is lower
that it will bypass some LED strings. And turn on all LED strings
when the input voltage is higher. The number of LEDs in LED array
is dependent on the voltage level of the AC power source, That
includes of ±10% variations.
UTC UL75 is an ideal solution for LED Lamps (e.g. E27, GU10),
General Illumination, LED Strings (e.g. T-8 Tube) and Constant
Current Sink.
FEATURES
* Adaptive Conduction.
* Wide Range, Programmable LED Voltage
* Output LED Current available from 50mA to 100mA
* Can be Paralleled for Higher Current
* 5V to 500V Supply Voltage Range
* High Efficiency
* Stable LED Brightness
* Over Temperature Protection
* Patent Pending Drive Architecture
* Low THD
HSOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
UL75G-SH2-R
HSOP-8
Tape Reel
(1) R: Tape Reel
(2) SH2: HSOP-8
(3) G: Halogen Free and Lead Free
UL75G-SH2-R
(1)Packing Type
(2)Package Type
(3)Green Package
MARKING


Similar Part No. - UL75G-SH2-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UL7505L ETC1-UL7505L Datasheet
305Kb / 4P
UL7505L
UL7512L ETC1-UL7512L Datasheet
305Kb / 4P
UL7505L
UL7523N ETC-UL7523N Datasheet
148Kb / 2P
OBIDOWA CE 70
More results

Similar Description - UL75G-SH2-R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3800 MAXIM-MAX3800 Datasheet
349Kb / 13P
3.2Gbps Adaptive Equalizer and Cable Driver
19-1953; Rev 1; 11/01
logo
Analog Devices
AD8393 AD-AD8393 Datasheet
83Kb / 1P
Adaptive Linear Power 12 V ADSL-CO Line Driver
logo
Vishay Siliconix
SI9910 VISHAY-SI9910_05 Datasheet
87Kb / 6P
Adaptive Power MOSFET Driver
15-Nov-04
logo
ams AG
AS1367 AMSCO-AS1367 Datasheet
1Mb / 14P
150mA, Adaptive Low Drop-Out Linear Regulator
logo
Semtech Corporation
GS3490 SEMTECH-GS3490 Datasheet
1Mb / 22P
Configurable Adaptive Cable Equalizer/Cable Driver
logo
Analog Devices
AD8393 AD-AD8393_15 Datasheet
89Kb / 1P
Adaptive Linear Power
REV. SpA
logo
M/A-COM Technology Solu...
MADR-007098-000100 MA-COM-MADR-007098-000100_15 Datasheet
69Kb / 4P
Linear Driver
logo
Unisonic Technologies
LR18115 UTC-LR18115_15 Datasheet
175Kb / 5P
LINEAR FAN DRIVER
logo
Analog Devices
ADLD8403 AD-ADLD8403 Datasheet
365Kb / 10P
Ultralow Power, Adaptive Linear Power,Dual-Port ADSL/ADSL2 Line Driver
REV. C
ADLD8403 AD-ADLD8403_16 Datasheet
438Kb / 11P
Ultralow Power, Adaptive Linear Power, Dual-Port ADSL/ADSL2 Line Driver
REV. C
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com