Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL75G-SH2-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UL75G-SH2-R
Description  ADAPTIVE CONDUCTION LINEAR DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL75G-SH2-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UL75G-SH2-R Datasheet HTML 1Page - Unisonic Technologies UL75G-SH2-R Datasheet HTML 2Page - Unisonic Technologies UL75G-SH2-R Datasheet HTML 3Page - Unisonic Technologies UL75G-SH2-R Datasheet HTML 4Page - Unisonic Technologies UL75G-SH2-R Datasheet HTML 5Page - Unisonic Technologies UL75G-SH2-R Datasheet HTML 6Page - Unisonic Technologies UL75G-SH2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
UL75
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R125-051.b
ELECTRICAL CHARACTERISTICS (TEMPER=25°C, unless otherwisespecified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SECTION
Input Voltage
VIN
0
220
500
V
Output Led Current
ILED
VIN=110AC, 220AC
0
50
130
mA
Supply Voltage
VDD
5.5
6
6.5
V
Power Efficiency
η
ILED=100mA
0.7
0.8
0.9
Power Factor
PF
ILED=100mA
0.7
0.9
0.96
CC SECTION
The Precision Of Constant
Current
CC
ILED=50mA~100mA
±5
%
RSET Pin Voltage
VSET
0.594
0.6
0.606
V
Standby Power Consumption
15
25
mW
PROTECTION SECTION
Short Circuit Protection Current
ILED_st
VIN=220AC
120
130
140
mA
Input Voltage Protection
VIN_OV
RST=20.5MΩ
245
265
285
V
LED Limit Current Protection
ILED_LIM
VIN=220AC
120
130
140
mA
LDMOS SECTION
LDMOS Withstand Voltage
BV
500
550
600
V
ION_S1
71
mA
ION_S2
85
mA
LDMOS Current
ION_S3
100
mA
TEMPER SETION
Over Temper Protection
TOTP
145
°C
Over Temper Hysteresis
THYS
20
°C
Note: The parameters are not 100% tested in production.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com