Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL75G-SH2-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UL75G-SH2-R
Description  ADAPTIVE CONDUCTION LINEAR DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL75G-SH2-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UL75G-SH2-R Datasheet HTML 1Page - Unisonic Technologies UL75G-SH2-R Datasheet HTML 2Page - Unisonic Technologies UL75G-SH2-R Datasheet HTML 3Page - Unisonic Technologies UL75G-SH2-R Datasheet HTML 4Page - Unisonic Technologies UL75G-SH2-R Datasheet HTML 5Page - Unisonic Technologies UL75G-SH2-R Datasheet HTML 6Page - Unisonic Technologies UL75G-SH2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
UL75
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R125-051.b
APPLICATION INFORMATION
Application information
UTC UL75 is a linear constant current driver IC for LED lighting, which is applied to the non isolated LED driver
power supply.
The 500V power transistor is integrated with the constant current drive architecture and control method, which only
needs a few external components to achieve excellent constant current characteristics. Piecewise constant current
control mode to achieve higher PF value and efficiency,
Built in soft start mechanism and the line network monitor adjust system output power.
LED open circuit protection、LED short circuit protection、sampling resistance short circuit protection、over
temperature regulation and other protective functions to improve the reliability of the system.
Start
After the system is powered up, the input voltage is charged on the OUT pin through the depleted MOS, and when
the OUT voltage reaches the threshold value, the chip's internal reference circuit begins to work. When the chip is
working normally, the required operating current is still through the supply of internal consumption.
Constant current control
The chip is detected the peak current, and the RSET resistance is connected to the input terminal of the peak
comparator, which is compared with the threshold voltage 1V. When the RSET voltage reaches the threshold, the
LED current is adjusted, and realized the constant current control.
The formula for calculating the LED constant current is ILED=3150/RSET
Among them, RSET is set to LED peak current resistance
Peak current comparator also includes a peak over current protection function. The threshold is about 200mA.
Protection function
UTC UL75 built in a variety of protection functions, including LED short-circuit protection, LED open circuit
protection, sampling circuit short-circuit protection, temperature regulation and protection, etc.
Over temperature adjustment function
UTC UL75 has the function of over temperature adjustment, the output current is gradually reduced when the
driving power is over, so that the output power and temperature rise is controlled, the power supply is maintained at
the set value,
In order to improve the reliability of the system, the chip is internally set to adjust the temperature of the 145°C.
PCB design
In the design of PCB, you need to follow the following guidelines:
OUT bypass capacitor is required to close the OUT pin of the chip.
RSET resistor requires close to the RSET pin of the chip
Between RSET and OUT bypass capacitor resistor connected to the copper foil as short as possible
RSET pin increases in the area of copper clad to improve chip cooling.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com