Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE726C Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE726C
Description  500KHz, 18V, 2A Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE726C Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE726C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ACE726C
500KHz, 18V, 2A Synchronous Step-Down Converter
VER 1.1
2
Absolute Maximum Ratings
Parameter
Value
Supply Voltage VIN
-0.3V to 19V
Switch Node Voltage VSW
-0.3V to (VIN+0.5V)
Boost Voltage VBST
VSW-0.3V to VSW+5V
Enable Voltage VEN
-0.3V to 19V
All Other Pins
-0.3V to 6V
Operating Temperature Range
-40
°C to 85°C
Storage Temperature Range
-65
°C to 150°C
Lead Temperature (Soldering, 10s)
300
°C
Packaging Type
SOT23-6
Pin NO.
Description
Function
1
GND
Ground
2
SW
Switching Pin
3
VIN
Power supply Pin
4
FB
Adjustableversion feedbackinput.ConnectFB tothecenterpoint ofthe
external resistor divider.
5
EN
Drive this pin to a logic-high to enable the IC. Drive to a logic-low to disable
the IC and enter micro-power shutdown mode.
6
BST
Boostrap.Acapacitor connectedbetween SW andBSTpinsis requiredto
form afloating supply across the high-side switch driver.
Ordering information
ACE726C XX+ H
Pb - free
GM: SOT23-6
Halogen - free



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com