Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE726C Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE726C
Description  500KHz, 18V, 2A Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE726C Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE726C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ACE726C
500KHz, 18V, 2A Synchronous Step-Down Converter
VER 1.1
4
Electrical Characteristics
(VIN=12V, VOUT=5V, TA=25°C, unless otherwise stated)
Parameter
Conditions
Min
Typ
Max
Unit
Input Voltage Range
4.2
18
V
UVLO Threshold
4.1
V
Supply Current in Operation
VEN = 2.0V, VFB = 1.1V
0.5
mA
Supply Current in Shutdown
VEN = 0V or VEN =
GND
5
10
uA
Regulated Feedback Voltage
4.2V≤V
IN
≤18V
0.784
0.8
0.816
V
High-side Switch On Resistance
VBST-SW = 5V
150
m
Ω
Low-side Switch On Resistance
VIN = 5V
70
m
Ω
High-side Switch Leakage Current
VEN = 0V, VSW = 0V
0
10
uA
Upper Switch Current Limit
Minimum Duty Cycle
3
A
Oscillation Frequency
500
KHz
Maximum Duty Cycle
VFB = 0.7V
92
%
Minimum On Time
100
ns
EN Input Voltage “H”
1.5
V
EN Input Voltage “L”
0.6
V
Thermal Shutdown
160
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com