Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE726C Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE726C
Description  500KHz, 18V, 2A Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE726C Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE726C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 9Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 10Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 11Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ACE726C
500KHz, 18V, 2A Synchronous Step-Down Converter
VER 1.1
7
Detailed Description
Internal Regulator
The ACE726C is a current mode step down DC/DC converter that provides excellent transient response
with no extra external compensation components. This device contains an internal, low resistance, high
voltage power MOSFET, and operates at a high 500K operating frequency to ensure a compact, high
efficiency design with excellent AC and DC performance.
Error Amplifier
The error amplifier compares the FB pin voltage with the internal FB reference (VFB) and outputs a current
proportional to the difference between the two. This output current is then used to charge or discharge the
internal compensation network to form the COMP voltage, which is used to control the power MOSFET
current. The optimized internal compensation network minimizes the external component counts and
simplifies the control loop design.
Internal Soft-Start
The soft-start is important for many applications because it eliminates power-up initialization problems.
The controlled voltage ramp of the output also reduces peak inrush current during start-up, minimizing
start-up transient events to the input power bus.
Over-Current-Protection and Hiccup
The ACE726C has a cycle-by-cycle over-current limit for when the inductor current peak value exceeds
the set current-limit threshold. First, when the output voltage drops until FB falls below the Under-Voltage
(UV) threshold (typically 140mV) to trigger a UV event, the ACE726C enters hiccup mode to periodically
restart the part. This protection mode is especially useful when the output is dead-shorted to ground. This
greatly reduces the average short-circuit current to alleviate thermal issues and to protect the regulator. The
ACE726C exits hiccup mode once the overcurrent condition is removed.
Startup and Shutdown
IfbothVIN andEN arehigherthantheir appropriate thresholds, the chip starts. The reference block
starts first, generating stable reference voltage and currents, and then the internal regulator is enabled. The
regulator provides stable supply for the remaining circuitries. Three events can shut down the chip: EN low,
VIN low and thermal shutdown. In the shutdown procedure, the signaling path is first blocked to avoid any
fault triggering. The COMP voltage and the internal supply rail are then pulled down. The floating driver is
not subject to this shutdown command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com