Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE726C Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE726C
Description  500KHz, 18V, 2A Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE726C Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE726C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ACE726C
500KHz, 18V, 2A Synchronous Step-Down Converter
VER 1.1
3
Typical Application
Note:
1.
C1 and C2 recommended using 22uF ceramic capacitors. If the electrolytic capacitor is used, it is
recommended that the ceramic capacitor in parallel with a capacitance value of 0.1uF or more.
2.
The resistance R3 in Figure 1 makes the loop more stable. If it isn’t used, the resistance R1、R2
should be adjusted(See Figure2.). The value of R1 is
recommended to be about 300kΩ.
3.
C3 can be valued as 1uF, 0.1uF.
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com