Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE726C Datasheet(PDF) 8 Page - ACE Technology Co., LTD.

Part # ACE726C
Description  500KHz, 18V, 2A Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE726C Datasheet(HTML) 8 Page - ACE Technology Co., LTD.

Back Button ACE726C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 9Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 10Page - ACE Technology Co., LTD. ACE726C Datasheet HTML 11Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ACE726C
500KHz, 18V, 2A Synchronous Step-Down Converter
VER 1.1
8
Applications Information
Setting Output Voltages
The external resistor divider is used to set the output voltage (see Typical Application on page 1). The
feedback resistor R1 also sets the feedback loop bandwidth with the internal compensation capacitor.
Choose R1 to be around 300kΩ for optimaltransient response.R2isthengivenby:
Selecting the Inductor
Use a
2.2μH-to-10μH inductor with a DC current rating of at least 25% percent higher than the maximum load
current for most applications. For highest efficiency, select an inductor with a DC resistance less than
15mΩ.
For most designs, derive the inductance value from the following equation.
Where ΔIL is the inductor ripple current. Choose an inductor current approximately 30% of the maximum
load current. Themaximum inductor peak current is:
Under light-load conditions (below 100mA), use a larger inductor to improve efficiency.
Selecting the Output Capacitor
The output capacitor (C2) maintains the DC output voltage. Use ceramic, tantalum, or low- ESR
electrolytic capacitors. Use low ESR capacitors to limit the output voltage ripple. Estimate the output
voltage ripple with:



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com