Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRISA6331 Datasheet(PDF) 2 Page - International Rectifier

Part # IRISA6331
Description  INTEGRATED SWITCHER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRISA6331 Datasheet(HTML) 2 Page - International Rectifier

  IRISA6331 Datasheet HTML 1Page - International Rectifier IRISA6331 Datasheet HTML 2Page - International Rectifier IRISA6331 Datasheet HTML 3Page - International Rectifier IRISA6331 Datasheet HTML 4Page - International Rectifier IRISA6331 Datasheet HTML 5Page - International Rectifier IRISA6331 Datasheet HTML 6Page - International Rectifier IRISA6331 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.irf.com
2
*1 Refer to MOS FET A.S.O curve
*2 MOS FET Tch-EAS curve
*3 Refer to MOS FET Ta-PD1 curve
*4 Refer to TF-PD2 curve for Control IC (See page 5)
*5 Maximum switching current. The maximum switching current is the Drain current determined by the drive
voltage of the IC and threshold voltage (Vth) of MOS FET. Therefore, in the event that voltage drop
occurs between Pin 1and Pin 2 due to patterning, the maximum switching current decreases as shown by
V
1-2 in Fig.1 Accordingly please use this device within the decrease value, referring to the derating
curve of the maximum switching current.
*6 When embedding this hybrid IC onto the printed circuit board (board size 15mm×15mm)
Absolute Maximum Ratings (Ta=25℃
℃
℃
℃
) (Refer Gnd 2 and 5)
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are
absolute voltages referenced to terminals stated, all currents are defined positive into any lead. The thermal resistance and power
dissipation ratings are measured under board mounted and still air conditions.
IRIS-A6331
Symbol
Definition
Terminals Max. Ratings
Units
Note
IDpeak
Drain Current
*1
8
3.54
A
Single Pulse
V1-2=0.82V
Ta=-20~+125℃
Single Pulse
VDD=99V,L=20mH
IL=2.1A
Vin
Input voltage for control part
3-2
35
V
Vth
O.C.P/F.B Pin voltage
4-2
6
V
PD1
Power dissipation for MOSFET *3
8-1
1.35
W
*6
Power dissipation for control part
(Control IC) *4
Internal frame temperature
Refer to recommended
in operation
operating temperature
Top
Operating ambient temperature
-
-20 ~ +125
℃
Tstg
Storage temperature
-
-40 ~ +125
℃
Tch
Channel temperature
-
150
℃
A
Single pulse avalanche energy *2
8-1
EAS
32
mJ
Maximum switching current *5
8
IDMAX
3.54
Specified by
Vin×Iin
-
TF
-20 ~ +125
℃
3-2
PD2
0.14
W
V1-2
Fig.1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com