Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRISA6331 Datasheet(PDF) 4 Page - International Rectifier

Part # IRISA6331
Description  INTEGRATED SWITCHER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRISA6331 Datasheet(HTML) 4 Page - International Rectifier

  IRISA6331 Datasheet HTML 1Page - International Rectifier IRISA6331 Datasheet HTML 2Page - International Rectifier IRISA6331 Datasheet HTML 3Page - International Rectifier IRISA6331 Datasheet HTML 4Page - International Rectifier IRISA6331 Datasheet HTML 5Page - International Rectifier IRISA6331 Datasheet HTML 6Page - International Rectifier IRISA6331 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.irf.com
4
IRIS-A6331
A.S.O. temperature derating coefficient curve
0
20
40
60
80
100
0
2040
6080
100
120
Internal frame temperature TF [ ℃]
IRIS-A6331
MOSFET A.S.O. Curve
0.01
0.1
1
10
100
1
10
100
1000
Drain-to-Source Voltage VDS[V]
IRIS-A6331
Maximum Switching current derating curve
           Ta=‐20~+125℃
0
1
2
3
4
0.8
0.9
1
1.1
1.2
V1-2 [V]
IRIS-A6331
Avalanche energy derating curve
0
20
40
60
80
100
25
50
75
100
125
150
Channel temperature Tch [
℃
]
IRIS-A6331
0.1ms
1ms
Drain current
limit by ON
resistance
ASO temperature derating
shall be made by obtaining
ASO Coefficient from the left
curve in your use.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com