Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRISA6331 Datasheet(PDF) 3 Page - International Rectifier

Part # IRISA6331
Description  INTEGRATED SWITCHER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRISA6331 Datasheet(HTML) 3 Page - International Rectifier

  IRISA6331 Datasheet HTML 1Page - International Rectifier IRISA6331 Datasheet HTML 2Page - International Rectifier IRISA6331 Datasheet HTML 3Page - International Rectifier IRISA6331 Datasheet HTML 4Page - International Rectifier IRISA6331 Datasheet HTML 5Page - International Rectifier IRISA6331 Datasheet HTML 6Page - International Rectifier IRISA6331 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.irf.com
3
Electrical Characteristics (for Control IC)
Electrical characteristics for control part (Ta=25℃, Vin=20V,unless otherwise specified)
MIN
TYP
MAX
Vin(ON)
Operation start voltage
15.8
17.6
19.4
V
Vin=0→19.4V
Vin(OFF) Operation stop voltage
*7
9.1
10.1
11.1
V
Vin=19.4→9.1V
Iin(ON)
Circuit current in operation
-
-
5
mA
-
Iin(OFF)
Circuit current in non-operation
-
-
50
µA
Vin=15V
TOFF(MAX) Maximum OFF time
12
15
18
µsec
-
Vth
O.C.P/F.B Pin threshold voltage
0.7
0.76
0.82
V
-
IOCP/FB
O.C.P/F.B Pin extraction current
0.7
0.8
0.9
mA
-
Vin(OVP) O.V.P operation voltage
23.2
25.5
27.8
V
Vin=0→27.8V
Vin=27.8→
(Vin(OFF)-0.3)V
Vin(La.OFF) Latch circuit release voltage
*7,8
7.9
-
10.5
V
Vin=27.8→7.9V
Tj(TSD)
Thermal shutdown operating temperature
135
-
-
℃
-
Ratings
Units
Test
Conditions
Iin(H)
--
70
µA
Latch circuit sustaining current *8
Definition
Symbol
Electrical Characteristics (for MOSFET)
*7 The relation of Vin(OFF)>Vin(La.OFF) is applied for each product.
*8 The latch circuit means a circuit operated O.V.P and T.S.D.
(Ta=25℃) unless otherwise specified
MIN
TYP
MAX
ID=300µA
V2- 1=0V(short)
VDS =500V
V2- 1=0V(short)
V3- 2=10V
ID=0.4A
tf
Switching time
-
-
250
nsec
-
Between channel and
internal frame
Ratings
Units
Test Conditions
Drain-to-Source breakdown voltage
VDSS
500
-
-
V
Definition
Symbol
µA
On-resistance
RDS(ON)
-
-
3.95
Ω
Drain leakage current
IDSS
-
θch-F
-
-
300
-52
℃/W
Thermal resistance
*9
*9 Internal frame temperature (TF) is measured at the root of the Pin 5.
IRIS-A6331



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com