Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRISA6331 Datasheet(PDF) 1 Page - International Rectifier

Part # IRISA6331
Description  INTEGRATED SWITCHER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRISA6331 Datasheet(HTML) 1 Page - International Rectifier

  IRISA6331 Datasheet HTML 1Page - International Rectifier IRISA6331 Datasheet HTML 2Page - International Rectifier IRISA6331 Datasheet HTML 3Page - International Rectifier IRISA6331 Datasheet HTML 4Page - International Rectifier IRISA6331 Datasheet HTML 5Page - International Rectifier IRISA6331 Datasheet HTML 6Page - International Rectifier IRISA6331 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.irf.com
1
IRIS-A6331
Features
• Oscillator is provided on the monolithic control with adopting On-Chip-
Trimming technology.
• Small temperature characteristics variation by adopting a comparator to
compensate for temperature on the control part.
• Low start-up circuit current (50uA max)
• Built-in Active Low-Pass Filter for stabilizing the operation in case of light
load
• Avalanche energy guaranteed MOSFET with high VDSS
• The built-in power MOSFET simplifies the surge absorption circuit since the
MOSFET guarantees the avalanche energy.
• No VDSS de-rating is required.
• Built-in constant voltage drive circuit
• Various kinds of protection functions
• Pulse-by-pulse Overcurrent Protection (OCP)
• Overvoltage Protection with latch mode (OVP)
• Thermal Shutdown with latch mode (TSD)
INTEGRATED SWITCHER
Package Outline
8 Lead PDIP
Descriptions
IRIS-A6331 is a hybrid IC consists from power MOSFET and a controller IC, designed for PRC
fly-back converter type SMPS (Switching Mode Power Supply) applications, applicable for PRC
operation for small power SMPS. This IC realizes downsizing and standardizing of a power supply
system reducing external components count and simplifying the circuit designs. (Note). PRC is
abbreviation of “Pulse Ratio Control” (On-width control with fixed OFF-time).
1
11
1
2
22
2
3
33
3
4
44
4
8
88
8
7
77
7
6
66
6
5
55
5
IRIS-A6331
Typical Connection Diagram
Type
MOSFET
VDSS(V)
RDS(ON)
MAX
ACinput(V)
Pout(W)
Note 1
IRIS-A6331
500
3.95Ω
100/120±15%
10
Key Specifications


Similar Part No. - IRISA6331

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRISA6131 IRF-IRISA6131 Datasheet
396Kb / 7P
INTEGRATED SWITCHER
More results

Similar Description - IRISA6331

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRIS4015 IRF-IRIS4015 Datasheet
63Kb / 6P
INTEGRATED SWITCHER
IRIS4007 IRF-IRIS4007 Datasheet
62Kb / 6P
INTEGRATED SWITCHER
IRISG5624A IRF-IRISG5624A Datasheet
271Kb / 7P
INTEGRATED SWITCHER
IRISA6131 IRF-IRISA6131 Datasheet
396Kb / 7P
INTEGRATED SWITCHER
IRIS-G6624 IRF-IRIS-G6624 Datasheet
277Kb / 7P
INTEGRATED SWITCHER
IRIS-G6623 IRF-IRIS-G6623 Datasheet
280Kb / 7P
INTEGRATED SWITCHER
IRIS-G5624A IRF-IRIS-G5624A_1 Datasheet
269Kb / 7P
INTEGRATED SWITCHER
IRIS4013 IRF-IRIS4013 Datasheet
66Kb / 6P
INTEGRATED SWITCHER
IRIS-G6351S IRF-IRIS-G6351S Datasheet
272Kb / 7P
INTEGRATED SWITCHER
IRIS-F6428S IRF-IRIS-F6428S Datasheet
278Kb / 7P
INTEGRATED SWITCHER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com