Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRISA6331 Datasheet(PDF) 5 Page - International Rectifier

Part # IRISA6331
Description  INTEGRATED SWITCHER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRISA6331 Datasheet(HTML) 5 Page - International Rectifier

  IRISA6331 Datasheet HTML 1Page - International Rectifier IRISA6331 Datasheet HTML 2Page - International Rectifier IRISA6331 Datasheet HTML 3Page - International Rectifier IRISA6331 Datasheet HTML 4Page - International Rectifier IRISA6331 Datasheet HTML 5Page - International Rectifier IRISA6331 Datasheet HTML 6Page - International Rectifier IRISA6331 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.irf.com
5
IRIS-A6331
IRIS-A6331
MOSFET Ta-PD1 Curve
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
20
40
60
80
100 120
140
160
Ambient temperature Ta[ ℃]
IRIS-A6331
TF-PD2 Curve for Control IC
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0
20
40
60
80
100 120 140
Internal frame temperature TF[
℃
]
IRIS-A6331
Transient thermal resistance curve
0.01
0.1
1
10
time t [sec]
PD1=1.35[W]
PD2=0.14[W]
1µ
10µ
100µ
1m
10m
100m



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com