Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 207 Page - Texas Instruments

Click here to check the latest version.
Part # AM6548
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6548 Datasheet(HTML) 207 Page - Texas Instruments

Back Button AM6548 Datasheet HTML 203Page - Texas Instruments AM6548 Datasheet HTML 204Page - Texas Instruments AM6548 Datasheet HTML 205Page - Texas Instruments AM6548 Datasheet HTML 206Page - Texas Instruments AM6548 Datasheet HTML 207Page - Texas Instruments AM6548 Datasheet HTML 208Page - Texas Instruments AM6548 Datasheet HTML 209Page - Texas Instruments AM6548 Datasheet HTML 210Page - Texas Instruments AM6548 Datasheet HTML 211Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 299 page
background image
SDR122
SDR121
SDR120
SDR126
SDR125
SDR128
SDR127
MMC1_CLK
MMC1_CMD
MMC1_DAT[3:0]
MMC1_05
MMC1_CLK
MMC1_CMD
MMC1_DAT[3:0]
HSSD1
HSSD2L
HSSD2H
HSSD5
HSSD6
HSSD5
HSSD6
MMC1_04
207
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
Figure 5-79. MMC/SD in - High Speed - Transmitter Mode
5.11.5.16.2.3 UHS-I SDR12, 4-bit data, half-cycle
Table 5-75 and Table 5-76 present Timing requirements and Switching characteristics for MMC1 - SDR12
in receiver and transmitter mode (see Figure 5-80 and Figure 5-81).
Table 5-75. Timing Requirements for MMC1 - SD Card SDR12 Mode
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
SDR125
tsu(cmdV-clkH)
Setup time, MMC1_CMD valid before MMC1_CLK
rising clock edge
Positive-edge
Reference Clock
23.28
ns
SDR126
th(clkH-cmdV)
Hold time, MMC1_CMD valid after MMC1_CLK rising
clock edge
Positive-edge
Reference Clock
1.67
ns
SDR127
tsu(dV-clkH)
Setup time, MMC1_DAT[3:0] valid before MMC1_CLK
rising clock edge
Positive-edge
Reference Clock
23.28
ns
SDR128
th(clkH-dV)
Hold time, MMC1_DAT[3:0] valid after MMC1_CLK
rising clock edge
Positive-edge
Reference Clock
1.67
ns
Table 5-76. Switching Characteristics for MMC1 - SD Card SDR12 Mode
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
SDR120
fop(clk)
Operating frequency, MMC1_CLK
Positive-edge
Reference Clock
24
MHz
SDR121
tw(clkH)
Pulse duration, MMC1_CLK high
Positive-edge
Reference Clock
19.49
ns
SDR122
tw(clkL)
Pulse duration, MMC1_CLK low
Negative-edge
Reference Clock
19.49
ns
SDR123
td(clkL-cmdV)
Delay time, MMC1_CLK falling clock edge to
MMC1_CMD transition
Negative-edge
Reference Clock
-14.39
14.39
ns
SDR124
td(clkL-dV)
Delay time, MMC1_CLK falling clock edge to
MMC1_DAT[3:0] transition
Negative-edge
Reference Clock
-14.39
14.39
ns
(1) P = output MMC1_CLK period in ns
Figure 5-80. MMC/SD in - High Speed SDR12 - Receiver Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com