Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 209 Page - Texas Instruments

Click here to check the latest version.
Part # AM6548
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6548 Datasheet(HTML) 209 Page - Texas Instruments

Back Button AM6548 Datasheet HTML 205Page - Texas Instruments AM6548 Datasheet HTML 206Page - Texas Instruments AM6548 Datasheet HTML 207Page - Texas Instruments AM6548 Datasheet HTML 208Page - Texas Instruments AM6548 Datasheet HTML 209Page - Texas Instruments AM6548 Datasheet HTML 210Page - Texas Instruments AM6548 Datasheet HTML 211Page - Texas Instruments AM6548 Datasheet HTML 212Page - Texas Instruments AM6548 Datasheet HTML 213Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 299 page
background image
MMC1_CLK
MMC1_CMD
MMC1_DAT[3:0]
SDR504
SDR508
SDR503
SDR507
SDR501
SDR502H
SDR502L
MMC1_09
MMC1_CLK
MMC1_CMD
MMC1_DAT[3:0]
SDR251
SDR252L
SDR252H
HSSDR255
SDR256
SDR255
SDR256
MMC1_08
209
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
Figure 5-83. MMC/SD in - High Speed SDR25 - Transmitter Mode
5.11.5.16.2.5 UHS-I SDR50, 4-bit data, half-cycle
Table 5-79 and Table 5-80 present Timing requirements and Switching characteristics for MMC1 - SDR50
in receiver and transmitter mode (see Figure 5-84 and Figure 5-85).
Table 5-79. Timing Requirements for MMC1 - SD Card SDR50 Mode
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
SDR503
tsu(cmdV-clkH)
Setup time, MMC1_CMD valid before MMC1_CLK
rising clock edge
Positive-edge
Reference Clock
-0.69
ns
SDR504
th(clkH-cmdV)
Hold time, MMC1_CMD valid after MMC1_CLK rising
clock edge
Positive-edge
Reference Clock
1.67
ns
SDR507
tsu(dV-clkH)
Setup time, MMC1_DAT[3:0] valid before MMC1_CLK
rising clock edge
Positive-edge
Reference Clock
-0.69
ns
SDR508
th(clkH-dV)
Hold time, MMC1_DAT[3:0] valid after MMC1_CLK
rising clock edge
Positive-edge
Reference Clock
1.67
ns ns
Table 5-80. Switching Characteristics for MMC1 - SD Card SDR50 Mode
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
SDR501
fop(clk)
Operating frequency, MMC1_CLK
Positive-edge
Reference Clock
96
MHz
SDR502
H
tw(clkH)
Pulse duration, MMC1_CLK high
Positive-edge
Reference Clock
4.65
ns
SDR502
L
tw(clkL)
Pulse duration, MMC1_CLK low
Negative-edge
Reference Clock
4.65
ns
SDR505
td(clkL-cmdV)
Delay time, MMC1_CLK falling clock edge to
MMC1_CMD transition
Negative-edge
Reference Clock
1.46
6.76
ns
SDR506
td(clkL-dV)
Delay time, MMC1_CLK falling clock edge to
MMC1_DAT[3:0] transition
Negative-edge
Reference Clock
1.46
6.76
ns
(1) P = output MMC1_CLK period in ns
Figure 5-84. MMC/SD in - High Speed SDR50 - Receiver Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com