Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 210 Page - Texas Instruments

Click here to check the latest version.
Part # AM6548
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6548 Datasheet(HTML) 210 Page - Texas Instruments

Back Button AM6548 Datasheet HTML 206Page - Texas Instruments AM6548 Datasheet HTML 207Page - Texas Instruments AM6548 Datasheet HTML 208Page - Texas Instruments AM6548 Datasheet HTML 209Page - Texas Instruments AM6548 Datasheet HTML 210Page - Texas Instruments AM6548 Datasheet HTML 211Page - Texas Instruments AM6548 Datasheet HTML 212Page - Texas Instruments AM6548 Datasheet HTML 213Page - Texas Instruments AM6548 Datasheet HTML 214Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 299 page
background image
MMC1_CLK
MMC1_CMD
MMC1_DAT[3:0]
SDR1041
SDR1042L
SDR1042H
SDR1045
SDR1046
SDR1045
SDR1046
MMC1_12
MMC1_CLK
MMC1_CMD
MMC1_DAT[3:0]
SDR1044
SDR1048
SDR1043
SDR1047
SDR1041
SDR1042H
SDR1042L
MMC1_11
MMC1_CLK
MMC1_CMD
MMC1_DAT[3:0]
SDR501
SDR502L
SDR502H
SDR505
SDR506
SDR505
SDR506
MMC1_10
210
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
Figure 5-85. MMC/SD in - High Speed SDR50 - Transmitter Mode
5.11.5.16.2.6 UHS-I SDR104, 4-bit data, half-cycle
Table 5-81 presents Timing requirements and Switching characteristics for MMC1 - SDR104 in receiver
and transmitter mode (see Figure 5-86 and Figure 5-87)
Table 5-81. Switching Characteristics for MMC1 - SD Card SDR104 Mode
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
SDR104
1
fop(clk)
Operating frequency, MMC1_CLK
Positive-edge
Reference Clock
192
MHz
SDR104
2H
tw(clkH)
Pulse duration, MMC1_CLK high
Positive-edge
Reference Clock
2.17
ns
SDR104
2L
tw(clkL)
Pulse duration, MMC1_CLK low
Negative-edge
Reference Clock
2.17
ns
SDR104
5
td(clkL-cmdV)
Delay time, MMC1_CLK falling clock edge to
MMC1_CMD transition
Negative-edge
Reference Clock
1.33
3.28
ns
SDR104
6
td(clkL-dV)
Delay time, MMC1_CLK falling clock edge to
MMC1_DAT[3:0] transition
Positive-edge
Reference Clock
1.33
3.28
ns
(1) P = output MMC1_CLK period in ns
Figure 5-86. MMC/SD in - High Speed SDR104 - Receiver Mode
Figure 5-87. MMC/SD in - High Speed SDR104 - Transmitter Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com